Electronic Components Datasheet Search
  English  ▼

X  

MR2001V Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MR2001V
Description  38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001V Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MR2001V Datasheet HTML 3Page - NXP Semiconductors MR2001V Datasheet HTML 4Page - NXP Semiconductors MR2001V Datasheet HTML 5Page - NXP Semiconductors MR2001V Datasheet HTML 6Page - NXP Semiconductors MR2001V Datasheet HTML 7Page - NXP Semiconductors MR2001V Datasheet HTML 8Page - NXP Semiconductors MR2001V Datasheet HTML 9Page - NXP Semiconductors MR2001V Datasheet HTML 10Page - NXP Semiconductors MR2001V Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
NXP Semiconductors
MR2001V
3.3
Equivalent schematics
Table 3. Equivalent I/O schematics for pin descriptions
Ball location
Pin function
Equivalent I/O schematic
A8, A9, A10, B8, B9, K1, K2, K3, L1, L2
J7, K7, K8, L8, L9
3.3 V Power Supply
J10
4.5 V Power Supply (only for the
VCO core)
A5, A7, B5, B7, C5, C7, D5, D6, D7, D8, D9, D10, E7, F1,
F2, F3, F4, F7, F8, F9, F10, G4, H1, H2, H3, H4, H5, H6,
J4, J6, K4, K6, L4, L6
RF Ground
A1, B2, B3, B4, B10, C4, C8, C9, D4, E3, E4, F5, F6, G9,
H7, H9, J2, J3, J9, K9, L3, L10
DC Ground
G3
38 GHz LO output channel 1
J5
38 GHz LO output channel 2
E8
38 GHz LO output channel 3
C6
38 GHz LO output channel 4
E1
SPI MISO (master in, slave out)
E2
SPI MOSI (master out, slave in)
D2
SPI serial clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com