Electronic Components Datasheet Search
  English  ▼

X  

MR2001V Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MR2001V
Description  38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001V Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MR2001V Datasheet HTML 8Page - NXP Semiconductors MR2001V Datasheet HTML 9Page - NXP Semiconductors MR2001V Datasheet HTML 10Page - NXP Semiconductors MR2001V Datasheet HTML 11Page - NXP Semiconductors MR2001V Datasheet HTML 12Page - NXP Semiconductors MR2001V Datasheet HTML 13Page - NXP Semiconductors MR2001V Datasheet HTML 14Page - NXP Semiconductors MR2001V Datasheet HTML 15Page - NXP Semiconductors MR2001V Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
NXP Semiconductors
12
MR2001V
Frequency and # of channels
n_ch
Number of LO Output Channels (at 38 GHz) - 4 x single-ended
–
–
4.0
fVCO_MIN
Min. VCO Frequency
–
–
38
GHz
fVCO_MAX
Max. VCO Frequency
38.5
–
–
GHz
VTUNE_MIN
Min. VCO Tuning Voltage to Achieve 38 GHz
0.2
–
–
V
VTUNE_MAX
Max. VCO Tuning Voltage
–
–
4.2
V
VTUNE
VCO Tuning Voltage
• VCO, divider and all control functions (SPI) must be guaranteed
0.0–4.2
V
KVCO
VCO tuning sensitivity (
Δf/ΔV) at 76-77 GHz
0.6
2.5
4.0
GHz/V
R_KVCO
Ratio of KVCO at 38 G/KVCO at 38.5 G
• For fixed VCC and temperature
––
2.0
tDRIFT
Thermal Frequency Drift
-25
-17
2.0
MHz/K
RTUNE
Input Impedance of Tuning Port Up to 100 MHz
100
–
–
k
Ω
CTUNE
Tuning Port Input Capacity
• Up to 10 MHz nearly only capacitive behavior
––
2.5
pF
TUNING_SPEED
VCO Tuning Speed
1000
–
–
MHz/
μs
Set-up & response time
tTURNON
Max. Frequency Setting Time After Power ON
0.0
–
1.0
ms
tIMPULSE1
Impulse Response Time I
• For a frequency step from 76 G to 77 G and 77 G stable within
±2.0 MHz not measured in production
0.0–1.0
μs
tIMPULSE2
Impulse Response Time II
• For a frequency step from 76 G to 77 G and 77 G stable within
±250 kHz not measured in production
0.0–0.5
ms
Pushing/pulling
PUSHING
VCO Frequency Change Versus VCC at 76 to 77 GHz
0.0
250
450
MHz/V
STATIC PULLING
VCO Frequency Versus Load (static) at 76 to 77 GHz
• All phases, 10 dB mismatch not measured in production
0.0
–
10
MHz
DYNAMIC
PULLING
VCO Frequency Versus Load (dynamic) at 76 to 77 GHz
• All phases, 10 dB mismatch not measured in production
0.0–0.5
MHz
Phase noise
PN_10kHz
Phase noise at 10 kHz offset at 77 GHz
• PN at 38 GHz is 6.0 dB lower
––
-40
dBc/Hz
PN_100kHz
Phase noise at 100 kHz offset at 77 GHz
• PN at 38 GHz is 6.0 dB lower
–-73
-67
dBc/Hz
PN_1.0MHz
Phase noise at 1.0 MHz offset at 77 GHz
• PN at 38 GHz is 6.0 dB lower
––
-92
dBc/Hz
PN_10MHz
Phase noise at 10 MHz offset at 77 GHz
• PN at 38 GHz is 6.0 dB lower
–
–
-112
dBc/Hz
Spurious
HARMSPUR
Harmonic Spurious (n x F_VCO), n > 1
• Referred to P_LO_OUT (3.0 dBm output power)
––
-25
dBc
NHARMSPUR
Nonharmonic Spurious
• Referred to P_LO_OUT, divider enabled
––
-65
dBc
Table 6. Interface levels
Temp = -40 °C to +125 °C, fOUT = 38 to 38.5 GHz, VCC4P0 = 4.5 V ±5.0%, and VCC3P3 = 3.3 V ±5.0%, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com