Electronic Components Datasheet Search
  English  ▼

X  

MR2001V Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MR2001V
Description  38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001V Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MR2001V Datasheet HTML 6Page - NXP Semiconductors MR2001V Datasheet HTML 7Page - NXP Semiconductors MR2001V Datasheet HTML 8Page - NXP Semiconductors MR2001V Datasheet HTML 9Page - NXP Semiconductors MR2001V Datasheet HTML 10Page - NXP Semiconductors MR2001V Datasheet HTML 11Page - NXP Semiconductors MR2001V Datasheet HTML 12Page - NXP Semiconductors MR2001V Datasheet HTML 13Page - NXP Semiconductors MR2001V Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
NXP Semiconductors
10
MR2001V
4
General product characteristics
4.1
Maximum ratings
4.2
General operating conditions
Table 4. Maximum ratings
All voltages are with respect to ground, unless otherwise specified. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Symbol
Ratings
Min.
Max.
Unit
Notes
VSTATIC_MAX
Supply Voltage (static)
-0.30
3.63
V
VDYN_MAX
Supply Voltage (dynamic)
• allowed < 10% of product total llifetime.
-0.30
4.00
V
VVCO_MAX
VCO Core Supply
-0.30
4.95
V
VDIG_MAX
Digital Supply Voltage (static, dynamic)
-0.30
3.63
V
VTUNE_MAX
Tuning Voltage
•VCC_VCO +0.3 V
-0.30
4.80
V
VIN_MAX
Voltage Applied to All Used I/O Pins
-0.30
3.63
V
ESD
ESD_HBM
ESD for Human Body Model (HBM) Digital I/O, Analog, RF
-2000
2000
V
ESD_MM
ESD for Machine Model (MM)
-200
200
V
R1
HBM Circuit Description I
–
±1500
W
C
HBM Circuit Description II
–
±100
pF
ESD for human body model (HBM) digital I/O
-1000
1000
V
ESD HBM, RF I/O
-100
100
V
Table 5. General operation conditions
Temp = -40 °C to +125 °C, fOUT = 38 to 38.5 GHz, VCC4P0 = 4.5 V ±5.0%, and VCC3P3 = 3.3 V ±5.0%, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
dpack
Package Thickness (mounted condition)
–
950
1200
μm
Temp
Ambient Package Temperature
-40
27
125
°C
LU
Latch Up (LU) for DC and Bias Pads
• Pulsed current injection method
-100
–
+100
mA
Pitch
BGA Pitch
–
500
–
μm
dchip
Chip Thickness
113
—
143
μm
St_temp
Storage Temperature
-55
—
150
°C
IPAD_MAX
Pad withstanding
—
—
150
mA
Number of pulses per pad
Number of positive pulses (HBM)
—
—
1
Number of negative Pulses (HBM)
—
—
1
Interval of Pulses
—
—
1
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com