Electronic Components Datasheet Search
  English  ▼

X  

MR2001V Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MR2001V
Description  38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001V Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MR2001V Datasheet HTML 29Page - NXP Semiconductors MR2001V Datasheet HTML 30Page - NXP Semiconductors MR2001V Datasheet HTML 31Page - NXP Semiconductors MR2001V Datasheet HTML 32Page - NXP Semiconductors MR2001V Datasheet HTML 33Page - NXP Semiconductors MR2001V Datasheet HTML 34Page - NXP Semiconductors MR2001V Datasheet HTML 35Page - NXP Semiconductors MR2001V Datasheet HTML 36Page - NXP Semiconductors MR2001V Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33
NXP Semiconductors
MR2001V
9
Packaging
9.1
Package Mechanical Dimensions
Package dimensions are provided in package drawings. To find the most current package outline drawing, go to www.nxp.com and
perform a keyword search for the drawing’s document number.
Table 14. Packaging information
Package
Suffix
Package outline drawing number
6.0 x 6.0 mm RCP, (10 x 11 array) 0.5 mm pitch
VK
98ASA00542D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com