Electronic Components Datasheet Search
  English  ▼

X  

MR2001V Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MR2001V
Description  38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001V Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MR2001V Datasheet HTML 24Page - NXP Semiconductors MR2001V Datasheet HTML 25Page - NXP Semiconductors MR2001V Datasheet HTML 26Page - NXP Semiconductors MR2001V Datasheet HTML 27Page - NXP Semiconductors MR2001V Datasheet HTML 28Page - NXP Semiconductors MR2001V Datasheet HTML 29Page - NXP Semiconductors MR2001V Datasheet HTML 30Page - NXP Semiconductors MR2001V Datasheet HTML 31Page - NXP Semiconductors MR2001V Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
NXP Semiconductors
28
MR2001V
Figure 14. Electrical measurements of the thermal resistance of the RCP including
PCB (FR4/RO3003), mechanical carrier and attachment to the on-wafer chuck.
8.3.2
Four-channel voltage controlled oscillator VCO
8.3.2.1
Tuning characteristics
Figure 15. Two time the oscillation frequency in dependence on the
tuning voltage for different supply voltages and temperatures
Spirit ES2 / 2chTx / VCC = 3.3 V, Tamb = 25°C, PLO = -10 dBm, f = 76.5 GHz
T
e
m
p
er
at
u
re
In
cr
ea
se
d
T
=
T
o
n
ch
ip
-T
am
b
/K
5
10
15
20
25
30
35
th
e
rm
al
re
si
st
an
ce
R
th
=
d
T
/
IC
C
*
V
C
C
/(
K
/W
)
5
10
15
20
25
30
35
power code (hex)
10
24
38
4C
60
74
88
9C
B0
C4
D8
EC
Temperature increase
Thermal resistance
00
FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com