Electronic Components Datasheet Search
  English  ▼

X  

MR2001V Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MR2001V
Description  38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001V Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MR2001V Datasheet HTML 9Page - NXP Semiconductors MR2001V Datasheet HTML 10Page - NXP Semiconductors MR2001V Datasheet HTML 11Page - NXP Semiconductors MR2001V Datasheet HTML 12Page - NXP Semiconductors MR2001V Datasheet HTML 13Page - NXP Semiconductors MR2001V Datasheet HTML 14Page - NXP Semiconductors MR2001V Datasheet HTML 15Page - NXP Semiconductors MR2001V Datasheet HTML 16Page - NXP Semiconductors MR2001V Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
NXP Semiconductors
MR2001V
Return loss
G_LO
LO-port Return Loss (50
Ω)
• Single-ended configuration
10
–
–
dB
Power
P_LO_OUT
LO Output Power
• Single-ended configuration, power code 2
-2.0
–
–
dBm
P_LO_RIPPLE
LO Output Power Ripple
-1.0
–
1.0
dB
P_LO_CTRL
LO Output Power Control
• Four steps via SPI
–3.0
–
dB
P_CTRL_R
LO Power Control
• Each with ~3.5 dB, via SPI, each channel independent, 4 steps
only: 0, -3.5, -7.0, -10.5
7.0
–
–
dB
DISABLE_CTRL
Enable,Disable Functionality (FD_en, LO_en)
Via SPI
Frequency divider
NDIV
Division Ratio
• Based on VCO at 38 GHz
1024
–
1024
FDIV
Frequency Divider Output Frequency (fundamental)
37.1
–
37.6
MHz
VDIV
Divider Output Voltage
• Balanced output at defined load impedance
0.87
–
1.64
VPP
RDIV
Divider Output Load Resistance
•100
Ω single-ended
200
(balanced)
––
W
CDIV
Divider Output Load Capacity
• single-ended C (each side)
–
–
30
pF
DC
Duty Cycle
48
50
52
%
# of Last Stages to Disable - via SPI
–
5.0
–
Sensor output
S_IMP_DIS
Sensor High Output Impedance (temp. sensor)
• If corresponding sensor is disabled the output should show high
impedance
Yes
S_LOAD_R
Sensor Load Resistance
• To ground (temp, peak detector)
90
100
110
k
Ω
S_LOAD_C
Sensor Load Capacity
• To ground (temp, peak detector)
–
–
30
pF
Temperature sensor
T_SLOPE
Temperature Sensor Sensitivity
• Two sequential readings required
–
0.55
–
mV/K
T_SLOPE_VAR
Temperature Sensor Tolerance
• Deviation from mean slope (T_slope) over temperature
-5.0
0.0
5.0
K
T_RANGE
Temperature Sensor Output Voltage Range
• Max. value achieved at 150 °C
0.4
–
3.0
V
External resistors for biasing
RP
External Resistor 1
•E96,
±1.0%, TK = ±100 ppm/K SMD, 0402 or smaller, 50 μA
current
–2.15
–
k
Ω
RN
External Resistor 2
•E96,
±1.0%, TK = ±100 ppm/K SMD, 0402 or smaller, 50 μA
current
–
14.7
–
k
Ω
Table 6. Interface levels
Temp = -40 °C to +125 °C, fOUT = 38 to 38.5 GHz, VCC4P0 = 4.5 V ±5.0%, and VCC3P3 = 3.3 V ±5.0%, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com