Electronic Components Datasheet Search
  English  ▼

X  

MR2001V Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MR2001V
Description  38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001V Datasheet(HTML) 1 Page - NXP Semiconductors

  MR2001V Datasheet HTML 1Page - NXP Semiconductors MR2001V Datasheet HTML 2Page - NXP Semiconductors MR2001V Datasheet HTML 3Page - NXP Semiconductors MR2001V Datasheet HTML 4Page - NXP Semiconductors MR2001V Datasheet HTML 5Page - NXP Semiconductors MR2001V Datasheet HTML 6Page - NXP Semiconductors MR2001V Datasheet HTML 7Page - NXP Semiconductors MR2001V Datasheet HTML 8Page - NXP Semiconductors MR2001V Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Document Number: MC33MR2001V
Rev. 5.0, 8/2016
NXP Semiconductors
Data Sheet: Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© 2016 NXP B.V.
38-38.5 GHz RF 4-channel voltage
controlled oscillator front-end for
W-band radar applications
The MR2001 is an expandable three package solution for automotive radar
modules. The chipset consists of a VCO (voltage controlled oscillator), a two-
channel Tx transmitter, and a three-channel Rx receiver.
The MR2001V is a high performance, highly integrated, four-channel VCO, ideally
suited for automotive radar applications. In conjunction with the MR2001T, the
two-channel transmitter, and the MR2001R, a three-channel receiver, it provides
an expandable three package solution for automotive radar modules.
The chips are connected together via the LO signal around 38 GHz. The individual
control of each chip is realized by SPI. The main controller and modulation master
is a single microprocessor (MCU) with integrated high-speed analog to digital
converters (ADC) and appropriate signal processing capability such as fast fourier
transforms.
The front-end solution is specifically architected to be controlled by NXP's Qorivva
MPC5775 MCU. Especially the baseband functionality (high-pass filters, variable
gain amplifiers, anti-aliasing filters) on the receiver chips has been designed to
work with the MPC5775 MCU.
Features
• Scalable to 4 TX channels and 12 RX channels
• Advanced packaging technology
• High performance supports fast modulation with simultaneous active channels
• Excellent spatial resolution and detection accuracy
• Local oscillator at 38 GHz to lower the distribution loss and reduce impact on
antenna pattern
• Best phase noise < -75 dBc/Hz at 100 kHz offset
• Low power consumption of 2.5 W for the total transceiver
• Integrated system level calibration when combined with Qorivva MPC577xK
MCU
• Compatible with all leading MCUs
• Optimized for the NXP Qorivva MPC577xK MCU
• Scalable approach to support SRR, MRR and LRR applications
• Reduced number of external components due to higher integration level
• Baseband integration on receiver suitable to work with the MPC577xK Qorivva
MCU
• Bi-phase modulator on the transmitter chip
Figure 1. MR2001V simplified application diagram
ADVANCED DRIVER ASSISTANCE SYSTEM
MR2001V
VK SUFFIX (PB-FREE)
98ASA00542D
6.0 X 6.0 X 0.95 RCPBGA
Applications
• Automotive proximity radar
• LRR, MRR and SRR
•ADAS
• Industrial surveillance and security systems
Low Power Consumption,
2.5 W for Total Transciever
Other Freescale IC
Other
2-Channel
FC
MRD2001TX
2-Channel
Tx
SPI
FC
3-Channel
RX
BB
SPI
3-Channel
RX
BB
SPI
3-Channel
RX
BB
SPI
3-Channel
Rx
BB
SPI
LO @ 38 GHz
MCU
ADC1..8
DAC
XTAL
Flash
RAM
40 MHz
4 mA, Max.
300 Ω
Level Adjustment
Low Pass
PWM
Offset
Fast Control
Tx Enable
Bi-Phase Modulator
0…4.5 V
3.3 V
4.5 V
6
6
6
6
10 MHz
Sense
VCO
/1024
SPI
SPI
ADC1..4
PWM
RF Front-End
Supply
ΣΔ
FM CW
System Calibration
MR2001V IC


Similar Part No. - MR2001V

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MR2001 DIGITRON-MR2001 Datasheet
288Kb / 4P
MEDIUM CURRENT SILICON RECTIFIERS
logo
NXP Semiconductors
MR2001R NXP-MR2001R Datasheet
3Mb / 43P
76-77 GHz RF receiver front-end for W-band radar applications
Rev. 5.0, 9/2016
MR2001R NXP-MR2001R Datasheet
350Kb / 5P
76-77 GHz RF receiver front-end for W-band radar applications
Rev. 2.0, 9/2016
logo
New Jersey Semi-Conduct...
MR2001S NJSEMI-MR2001S Datasheet
85Kb / 1P
MEDIUM-CURRENT SILICON RECTIFIERS
logo
NXP Semiconductors
MR2001T NXP-MR2001T Datasheet
2Mb / 43P
76-77 GHz RF transmitter front-end for W-band radar applications
Rev. 6.0, 8/2016
More results

Similar Description - MR2001V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA1920 PHILIPS-SA1920 Datasheet
215Kb / 36P
Dual-band RF front-end
1999 Mar 02
SA3600 PHILIPS-SA3600 Datasheet
172Kb / 30P
Low voltage dual-band RF front-end
1999 Nov 02
SA3601 PHILIPS-SA3601 Datasheet
90Kb / 14P
Low voltage dual-band RF front-end
1999 Nov 09
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
logo
Murata Manufacturing Co...
SF2217K MURATA-SF2217K Datasheet
475Kb / 5P
Designed for RF Front-end Applications
logo
NXP Semiconductors
MC33MR2001VSM NXP-MC33MR2001VSM Datasheet
501Kb / 5P
38-38.5 GHz RF 4-channel voltage controlled oscillator front-end
Rev. 2.0, 8/2016
MC33MR2001R NXP-MC33MR2001R Datasheet
3Mb / 43P
76-77 GHz RF receiver front-end for W-band radar applications
Rev. 5.0, 9/2016
MC33MR2001RSM NXP-MC33MR2001RSM Datasheet
350Kb / 5P
76-77 GHz RF receiver front-end for W-band radar applications
Rev. 2.0, 9/2016
MC33MR2001T NXP-MC33MR2001T Datasheet
2Mb / 43P
76-77 GHz RF transmitter front-end for W-band radar applications
Rev. 6.0, 8/2016
MC33MR2001TSM NXP-MC33MR2001TSM Datasheet
512Kb / 5P
76-77 GHz RF transmitter front-end for W-band radar applications
Rev. 2.0, 8/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com