Electronic Components Datasheet Search
  English  ▼

X  

MR2001V Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MR2001V
Description  38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001V Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MR2001V Datasheet HTML 20Page - NXP Semiconductors MR2001V Datasheet HTML 21Page - NXP Semiconductors MR2001V Datasheet HTML 22Page - NXP Semiconductors MR2001V Datasheet HTML 23Page - NXP Semiconductors MR2001V Datasheet HTML 24Page - NXP Semiconductors MR2001V Datasheet HTML 25Page - NXP Semiconductors MR2001V Datasheet HTML 26Page - NXP Semiconductors MR2001V Datasheet HTML 27Page - NXP Semiconductors MR2001V Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
NXP Semiconductors
24
MR2001V
7.2.9
0x08 VCO sensor register
Only the temperature sensor or the peak detector can be enabled at a time. The temperature sensor is using a reference (diode row = 0)
and a signal branch (diode row = 1) only the absolute difference between these two voltages gives a voltage with is proportional to
temperature, and peak voltage level. Example for the temperature sensor activation is as follows.
Field [5]
Field [4]
Field [3]
Field [2]
LO4 output power level:
0
0
0
0
No current to output stage; highest possible attenuation
0
0
0
1
Approx. 10.5 dB attenuation, POUT ~ -7.0 dBm
00
1
0
-4.0 dBm > POUT > -7.0 dBm
0
0
1
1
Approx. 7.0 dB attenuation, POUT ~ -4.0 dBm
0
1
0
0
0 dBm > POUT > -4.0 dBm
0
1
0
1
0 dBm > POUT > -4.0 dBm
0
1
1
0
0 dBm > POUT > -4.0 dBm
0
1
1
1
Approx. 3.5 dB attenuation, POUT ~ 0 dBm
1
0
0
0
3.0 dBm > POUT > 0 dBm
1
0
0
1
3.0 dBm > POUT > 0 dBm
1
0
1
0
3.0 dBm > POUT > 0 dBm
1
0
1
1
3.0 dBm > POUT > 0 dBm
1
1
0
0
3.0 dBm > POUT > 0 dBm
1
1
0
1
3.0 dBm > POUT > 0 dBm
1
1
1
0
3.0 dBm > POUT > 0 dBm
1
1
1
1
Max. output power, > approx. 3.0 dBm
Address
0x08
Access: user read write
Bit
7
6543210
R/W
TMP_EN
TMP_SEL
PD_EN
PD_SEL0
TMP_TYP
SNS_RSET
RESERVED
RESERVED
Reset
0
0000000
Field
R/W
Description
[1:0]
RESERVED
Reserved bits
[2]
SNS_RSET
Sensor reset (discharge of internal capacitance)
[3]
TMP_TYP
Activate temperature sensor
1: Temperature sensor activated
[4]
PD_SEL0
Peak power detector reference branch selection
0: diode row 1
1: diode row 2
[5]
PD_EN
Enable peak power detector
[6]
TMP_SEL
Temperature sensor output selection
0: diode row 1
1: diode row 2
[7]
TMP_EN
Enable temperature sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com