Electronic Components Datasheet Search
  English  ▼

X  

MR2001V Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MR2001V
Description  38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001V Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MR2001V Datasheet HTML 2Page - NXP Semiconductors MR2001V Datasheet HTML 3Page - NXP Semiconductors MR2001V Datasheet HTML 4Page - NXP Semiconductors MR2001V Datasheet HTML 5Page - NXP Semiconductors MR2001V Datasheet HTML 6Page - NXP Semiconductors MR2001V Datasheet HTML 7Page - NXP Semiconductors MR2001V Datasheet HTML 8Page - NXP Semiconductors MR2001V Datasheet HTML 9Page - NXP Semiconductors MR2001V Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
NXP Semiconductors
6
MR2001V
C6
LO4
38 GHz LO output
channel 4
RF Output
0 V
D2
SCLK
SPI serial clock
Digital Input
0 to 3.3 V
E1
MISO
SPI MISO (master in,
slave out)
Digital Output
0 to 3.3 V
E2
MOSI
SPI MOSI (master out,
slave in)
Digital Input
0 to 3.3 V
E8
LO3
38 GHz LO output
channel 3
RF Output
0 V
G10
RP
Bandgap reference
resistor (positive
temperature slope)
Analog Input
0 to 3.3 V
See Table 6
G3
LO1
38 GHz LO output
channel 1
RF Output
0 V
H10
RN
Bandgap reference
resistor (negative
temperature slope)
Analog Input
0 to 3.3 V
See Table 6
J1
TEST
Output to monitor
internal bias nodes via
ASCAN
Analog Output 0 to 3.3 V
J10
VVCO
4.5 V Power Supply
(only for the VCO core)
Power
4.5 V
J5
LO2
38 GHz LO output
channel 2
RF Output
0 V
J7, K7, K8, L8, L9
VCC2 (3)
3.3 V Power Supply
Power
3.3 V
K10
VTUNE
Tuning Voltage
Analog Input
0 to 4.5 V
L7
SENS
Sensor output
(temperature and
power peak detector)
Analog output 0 to 3.3 V
Notes
3.
VCC1, VCC2, VCC3 are only connected via the on-chip metal layers. It is mandatory for each supply domain to be connected to the common
power supply.
4.
GND and GND1 are connected together in the package via the interconnection layer. GND1 is mandatory to be connected, to realize a suitable
RF PCB to package transition.
Table 2. MR2001V pin definitions (continued)
Ball location
Pin name
Pin function
Pin type
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com