Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC850EC Datasheet HTML 1Page - NXP Semiconductors MPC850EC Datasheet HTML 2Page - NXP Semiconductors MPC850EC Datasheet HTML 3Page - NXP Semiconductors MPC850EC Datasheet HTML 4Page - NXP Semiconductors MPC850EC Datasheet HTML 5Page - NXP Semiconductors MPC850EC Datasheet HTML 6Page - NXP Semiconductors MPC850EC Datasheet HTML 7Page - NXP Semiconductors MPC850EC Datasheet HTML 8Page - NXP Semiconductors MPC850EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
3
Features
2Features
Figure 1 is a block diagram of the MPC850, showing its major components and the relationships among
those components:
Figure 1. MPC850 Microprocessor Block Diagram
The following list summarizes the main features of the MPC850:
•
Embedded single-issue, 32-bit MPC8xx core (implementing the PowerPC architecture) with
thirty-two 32-bit general-purpose registers (GPRs)
— Performs branch folding and branch prediction with conditional prefetch, but without
conditional execution
System Interface Unit
Memory Controller
Bus Interface Unit
System Functions
Real-Time Clock
PCMCIA Interface
Bus
Embedded
2-Kbyte
I-Cache
MMU
1-Kbyte
D-Cache
Data
MMU
Load/Store
Instruction
Bus
Parallel I/O
Baud Rate
Generators
Dual-Port
RAM
Interrupt
Controller
Four
Timers
20 Virtual
2 Virtual
32-Bit RISC Communications
Processor (CP) and Program ROM
SCC2
USB
SPI
Timer
Non-Multiplexed Serial Interface
MPC8xx
Core
Instruction
IDMA
Channels
Serial DMA
and
Channels
Unified Bus
Communications
Processor
Module
Peripheral Bus
SCC3
I2C
—
UTOPIA
Ports
(850SR & DSL)
SMC1
SMC2
Time Slot Assigner
TDMa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com