Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPC850EC Datasheet HTML 32Page - NXP Semiconductors MPC850EC Datasheet HTML 33Page - NXP Semiconductors MPC850EC Datasheet HTML 34Page - NXP Semiconductors MPC850EC Datasheet HTML 35Page - NXP Semiconductors MPC850EC Datasheet HTML 36Page - NXP Semiconductors MPC850EC Datasheet HTML 37Page - NXP Semiconductors MPC850EC Datasheet HTML 38Page - NXP Semiconductors MPC850EC Datasheet HTML 39Page - NXP Semiconductors MPC850EC Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
36
Freescale Semiconductor
Bus Signal Timing
Table 10 shows the debug port timing for the MPC850.
Figure 29 provides the input timing for the debug port clock.
Figure 29. Debug Port Clock Input Timing
Figure 30 provides the timing for the debug port.
Figure 30. Debug Port Timings
Table 10. Debug Port Timing
Num
Characteristic
50 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
D61
DSCK cycle time
60.00
—
91.00
—
75.00
—
ns
D62
DSCK clock pulse width
25.00
—
38.00
—
31.00
—
ns
D63
DSCK rise and fall times
0.00
3.00
0.00
3.00
0.00
3.00
ns
D64
DSDI input data setup time
8.00
—
8.00
—
8.00
—
ns
D65
DSDI data hold time
5.00
—
5.00
—
5.00
—
ns
D66
DSCK low to DSDO data valid
0.00
15.00
0.00
15.00
0.00
15.00
ns
D67
DSCK low to DSDO invalid
0.00
2.00
0.00
2.00
0.00
2.00
ns
DSCK
D61
D63
D62
D62
D63
DSCK
DSDI
DSDO
D64
D65
D66
D67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com