Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 1 Page - NXP Semiconductors

  MPC850EC Datasheet HTML 1Page - NXP Semiconductors MPC850EC Datasheet HTML 2Page - NXP Semiconductors MPC850EC Datasheet HTML 3Page - NXP Semiconductors MPC850EC Datasheet HTML 4Page - NXP Semiconductors MPC850EC Datasheet HTML 5Page - NXP Semiconductors MPC850EC Datasheet HTML 6Page - NXP Semiconductors MPC850EC Datasheet HTML 7Page - NXP Semiconductors MPC850EC Datasheet HTML 8Page - NXP Semiconductors MPC850EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Freescale Semiconductor
Technical Data
This document contains detailed information on power
considerations, AC/DC electrical characteristics, and AC
timing specifications for revision A,B, and C of the MPC850
Family.
1Overview
The MPC850 is a versatile, one-chip integrated
microprocessor and peripheral combination that can be used
in a variety of controller applications, excelling particularly
in communications and networking products. The MPC850,
which includes support for Ethernet, is specifically designed
for cost-sensitive, remote-access, and telecommunications
applications. It is provides functions similar to the MPC860,
with system enhancements such as universal serial bus
(USB) support and a larger (8-Kbyte) dual-port RAM.
In addition to a high-performance embedded MPC8xx core,
the MPC850 integrates system functions, such as a versatile
memory controller and a communications processor module
(CPM) that incorporates a specialized, independent RISC
communications processor (referred to as the CP). This
separate processor off-loads peripheral tasks from the
embedded MPC8xx core.
Document Number: MPC850EC
Rev. 2, 07/2005
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3. Electrical and Thermal Characteristics . . . . . . . . . . . . 7
4. Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . 8
5. Power Considerations . . . . . . . . . . . . . . . . . . . . . . . . . 9
6. Bus Signal Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 10
7. IEEE 1149.1 Electrical Specifications . . . . . . . . . . . 39
8. CPM Electrical Characteristics . . . . . . . . . . . . . . . . . 41
9. Mechanical Data and Ordering Information . . . . . . . 63
10. Document Revision History . . . . . . . . . . . . . . . . . . . 68
MPC850
PowerQUICC™ Integrated
Communications Processor
Hardware Specifications


Similar Part No. - MPC850EC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC850EC MOTOROLA-MPC850EC Datasheet
408Kb / 68P
Communications Controller Hardware Specifications
More results

Similar Description - MPC850EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
PowerQUICC??II Integrated Communications Processor Hardware Specifications
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
PowerQUICC??III Integrated Communications Processor Hardware Specifications
MPC8555E FREESCALE-MPC8555E Datasheet
1Mb / 88P
PowerQUICC??III Integrated Communications Processor Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8260EC FREESCALE-MPC8260EC Datasheet
754Kb / 41P
PowerQUICC II Integrated Communications Processor Hardware Specifications
XPC8260ZUHFBC FREESCALE-XPC8260ZUHFBC Datasheet
754Kb / 41P
PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
logo
Texas Instruments
XPC8255ZUIFBC TI1-XPC8255ZUIFBC Datasheet
754Kb / 41P
PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
Freescale Semiconductor...
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC850 FREESCALE-MPC850 Datasheet
2Mb / 72P
PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com