Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC850EC Datasheet HTML 1Page - NXP Semiconductors MPC850EC Datasheet HTML 2Page - NXP Semiconductors MPC850EC Datasheet HTML 3Page - NXP Semiconductors MPC850EC Datasheet HTML 4Page - NXP Semiconductors MPC850EC Datasheet HTML 5Page - NXP Semiconductors MPC850EC Datasheet HTML 6Page - NXP Semiconductors MPC850EC Datasheet HTML 7Page - NXP Semiconductors MPC850EC Datasheet HTML 8Page - NXP Semiconductors MPC850EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
4
Freescale Semiconductor
Features
— 2-Kbyte instruction cache and 1-Kbyte data cache (Harvard architecture)
– Caches are two-way, set-associative
– Physically addressed
– Cache blocks can be updated with a 4-word line burst
– Least-recently used (LRU) replacement algorithm
– Lockable one-line granularity
— Memory management units (MMUs) with 8-entry translation lookaside buffers (TLBs) and
fully-associative instruction and data TLBs
— MMUs support multiple page sizes of 4 Kbytes, 16 Kbytes, 256 Kbytes, 512 Kbytes, and
8 Mbytes; 16 virtual address spaces and eight protection groups
•
Advanced on-chip emulation debug mode
•
Data bus dynamic bus sizing for 8, 16, and 32-bit buses
— Supports traditional 68000 big-endian, traditional x86 little-endian and modified little-endian
memory systems
— Twenty-six external address lines
•
Completely static design (0–80 MHz operation)
•
System integration unit (SIU)
— Hardware bus monitor
— Spurious interrupt monitor
— Software watchdog
— Periodic interrupt timer
— Low-power stop mode
— Clock synthesizer
— Decrementer, time base, and real-time clock (RTC) from the PowerPC architecture
— Reset controller
— IEEE 1149.1 test access port (JTAG)
•
Memory controller (eight banks)
— Glueless interface to DRAM single in-line memory modules (SIMMs), synchronous DRAM
(SDRAM), static random-access memory (SRAM), electrically programmable read-only
memory (EPROM), flash EPROM, etc.
— Memory controller programmable to support most size and speed memory interfaces
— Boot chip-select available at reset (options for 8, 16, or 32-bit memory)
— Variable block sizes, 32 Kbytes to 256 Mbytes
— Selectable write protection
— On-chip bus arbiter supports one external bus master
— Special features for burst mode support
•
General-purpose timers
— Four 16-bit timers or two 32-bit timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com