Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MPC850EC Datasheet HTML 43Page - NXP Semiconductors MPC850EC Datasheet HTML 44Page - NXP Semiconductors MPC850EC Datasheet HTML 45Page - NXP Semiconductors MPC850EC Datasheet HTML 46Page - NXP Semiconductors MPC850EC Datasheet HTML 47Page - NXP Semiconductors MPC850EC Datasheet HTML 48Page - NXP Semiconductors MPC850EC Datasheet HTML 49Page - NXP Semiconductors MPC850EC Datasheet HTML 50Page - NXP Semiconductors MPC850EC Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
47
CPM Electrical Characteristics
Figure 45. SI Receive Timing Diagram with Normal Clocking (DSC = 0)
82
L1RCLK, L1TCLK frequency (DSC =1)
—
16.00 or
SYNCCLK/2
MHz
83
L1RCLK, L1TCLK width low (DSC =1)
P + 10
—
ns
83A
L1RCLK, L1TCLK width high (DSC = 1)3
P + 10
—
ns
84
L1CLK edge to L1CLKO valid (DSC = 1)
—
30.00
ns
85
L1RQ valid before falling edge of L1TSYNC4
1.00
—
L1TCLK
86
L1GR setup time2
42.00
—
ns
87
L1GR hold time
42.00
—
ns
88
L1xCLK edge to L1SYNC valid (FSD = 00) CNT =
0000, BYT = 0, DSC = 0)
—0.00
ns
1
The ratio SyncCLK/L1RCLK must be greater than 2.5/1.
2
These specs are valid for IDL mode only.
3
Where P = 1/CLKOUT. Thus for a 25-MHz CLKO1 rate, P = 40 ns.
4
These strobes and TxD on the first bit of the frame become valid after L1CLK edge or L1SYNC,
whichever is later.
Table 17. SI Timing (continued)
Num
Characteristic
All Frequencies
Unit
Min
Max
L1RxD
(Input)
79
76
77
74
L1RCLK
(FE=0, CE=0)
(Input)
L1RCLK
(FE=1, CE=1)
(Input)
L1RSYNC
(Input)
L1ST
n
(Output)
71
70
RFSD=1
75
72
73
78
BIT0
71a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com