Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 66 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button MPC850EC Datasheet HTML 62Page - NXP Semiconductors MPC850EC Datasheet HTML 63Page - NXP Semiconductors MPC850EC Datasheet HTML 64Page - NXP Semiconductors MPC850EC Datasheet HTML 65Page - NXP Semiconductors MPC850EC Datasheet HTML 66Page - NXP Semiconductors MPC850EC Datasheet HTML 67Page - NXP Semiconductors MPC850EC Datasheet HTML 68Page - NXP Semiconductors MPC850EC Datasheet HTML 69Page - NXP Semiconductors MPC850EC Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
66
Freescale Semiconductor
Mechanical Data and Ordering Information
Figure 64 shows the non-JEDEC package dimensions of the PBGA.
Figure 64. Package Dimensions for the Plastic Ball Grid Array (PBGA)—non-JEDEC Standard
T
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
256X
BOTTOM VIEW
E
0.20
6
5
4
3
2
1
b
0.15
C
D
D2
E2
A
B
0.30
C AB
SIDE VIEW
DIM
MIN
MAX
MILLIMETERS
A
1.91
2.35
A1
0.50
0.70
A2
1.12
1.22
A3
0.29
0.43
b
0.60
0.90
D
23.00 BSC
D1
19.05 REF
D2
E
23.00 BSC
E1
19.05 REF
E2
19.00
20.00
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2.
DIMENSIONS IN MILLIMETERS.
3.
DIMENSION b IS MEASURED AT THE MAXIMUM
SOLDER BALL DIAMETER, PARALLEL TO PRIMARY
DATUM C.
4.
PRIMARY DATUM C AND THE SEATING PLANE ARE
4X
7 8 9 10 11 12 13 14 15
M
M
TOP VIEW
(D1)
15X
e
15X
e
(E1)
4X
e/2
0.20 C
0.35 C
A3
256X
C
A
A1
A2
SEATING
PLANE
e
1.27 BSC
19.00
20.00
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com