Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MPC850EC Datasheet HTML 42Page - NXP Semiconductors MPC850EC Datasheet HTML 43Page - NXP Semiconductors MPC850EC Datasheet HTML 44Page - NXP Semiconductors MPC850EC Datasheet HTML 45Page - NXP Semiconductors MPC850EC Datasheet HTML 46Page - NXP Semiconductors MPC850EC Datasheet HTML 47Page - NXP Semiconductors MPC850EC Datasheet HTML 48Page - NXP Semiconductors MPC850EC Datasheet HTML 49Page - NXP Semiconductors MPC850EC Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
46
Freescale Semiconductor
CPM Electrical Characteristics
Figure 44. CPM General-Purpose Timers Timing Diagram
8.5
Serial Interface AC Electrical Specifications
Table 17 provides the serial interface timings as shown in Figure 45 to Figure 49.
Table 17. SI Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
70
L1RCLK, L1TCLK frequency (DSC = 0) 1, 2
—
SYNCCLK/2.
5
MHz
71
L1RCLK, L1TCLK width low (DSC = 0) 2
P + 10
—
ns
71a
L1RCLK, L1TCLK width high (DSC = 0) 3
P + 10
—
ns
72
L1TXD, L1ST
n, L1RQ, L1xCLKO rise/fall time
—
15.00
ns
73
L1RSYNC, L1TSYNC valid to L1xCLK edge Edge
(SYNC setup time)
20.00
—
ns
74
L1xCLK edge to L1RSYNC, L1TSYNC, invalid
(SYNC hold time)
35.00
—
ns
75
L1RSYNC, L1TSYNC rise/fall time
—
15.00
ns
76
L1RXD valid to L1xCLK edge (L1RXD setup time)
17.00
—
ns
77
L1xCLK edge to L1RXD invalid (L1RXD hold time)
13.00
—
ns
78
L1xCLK edge to L1ST
n valid 4
10.00
45.00
ns
78A
L1SYNC valid to L1ST
n valid
10.00
45.00
ns
79
L1xCLK edge to L1ST
n invalid
10.00
45.00
ns
80
L1xCLK edge to L1TXD valid
10.00
55.00
ns
80A
L1TSYNC valid to L1TXD valid 4
10.00
55.00
ns
81
L1xCLK edge to L1TXD high impedance
0.00
42.00
ns
CLKOUT
TIN/TGATE
(Input)
TOUT
(Output)
64
65
61
62
63
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com