Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC850EC Datasheet HTML 7Page - NXP Semiconductors MPC850EC Datasheet HTML 8Page - NXP Semiconductors MPC850EC Datasheet HTML 9Page - NXP Semiconductors MPC850EC Datasheet HTML 10Page - NXP Semiconductors MPC850EC Datasheet HTML 11Page - NXP Semiconductors MPC850EC Datasheet HTML 12Page - NXP Semiconductors MPC850EC Datasheet HTML 13Page - NXP Semiconductors MPC850EC Datasheet HTML 14Page - NXP Semiconductors MPC850EC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
11
Bus Signal Timing
Table 6. Bus Operation Timing 1
Num
Characteristic
50 MHz
66 MHz
80 MHz
FFACT
Cap Load
(default
50 pF)
Unit
Min
Max
Min
Max
Min
Max
B1
CLKOUT period
20
—
30.30
—
25
—
—
—
ns
B1a
EXTCLK to CLKOUT phase
skew (EXTCLK > 15 MHz and
MF <= 2)
-0.90
0.90
-0.90
0.90
-0.90
0.90
—
50.00
ns
B1b
EXTCLK to CLKOUT phase
skew (EXTCLK > 10 MHz and
MF < 10)
-2.30
2.30
-2.30
2.30
-2.30
2.30
—
50.00
ns
B1c
CLKOUT phase jitter (EXTCLK
> 15 MHz and MF <= 2) 2
-0.60
0.60
-0.60
0.60
-0.60
0.60
—
50.00
ns
B1d
CLKOUT phase jitter 2
-2.00
2.00
-2.00
2.00
-2.00
2.00
—
50.00
ns
B1e
CLKOUT frequency jitter (MF <
10) 2
—
0.50
—
0.50
—
0.50
—
50.00
%
B1f
CLKOUT frequency jitter (10 <
MF < 500) 2
—
2.00
—
2.00
—
2.00
—
50.00
%
B1g
CLKOUT frequency jitter (MF >
500) 2
—
3.00
—
3.00
—
3.00
—
50.00
%
B1h
Frequency jitter on EXTCLK 3
—
0.50
—
0.50
—
0.50
—
50.00
%
B2
CLKOUT pulse width low
8.00
—
12.12
—
10.00
—
—
50.00
ns
B3
CLKOUT width high
8.00
—
12.12
—
10.00
—
—
50.00
ns
B4
CLKOUT rise time
—
4.00
—
4.00
—
4.00
—
50.00
ns
B5
CLKOUT fall time
—
4.00
—
4.00
—
4.00
—
50.00
ns
B7
CLKOUT to A[6–31],
RD/WR, BURST, D[0–31],
DP[0–3] invalid
5.00
—
7.58
—
6.25
—
0.250
50.00
ns
B7a
CLKOUT to TSIZ[0–1], REG,
RSV, AT[0–3], BDIP, PTR
invalid
5.00
—
7.58
—
6.25
—
0.250
50.00
ns
B7b
CLKOUT to BR, BG, FRZ,
VFLS[0–1], VF[0–2] IWP[0–2],
LWP[0–1], STS invalid 4
5.00
—
7.58
—
6.25
—
0.250
50.00
ns
B8
CLKOUT to A[6–31],
RD/WR, BURST, D[0–31],
DP[0–3] valid
5.00
11.75
7.58
14.33
6.25
13.00
0.250
50.00
ns
B8a
CLKOUT to TSIZ[0–1], REG,
RSV, AT[0–3] BDIP, PTR valid
5.00
11.75
7.58
14.33
6.25
13.00
0.250
50.00
ns
B8b
CLKOUT to BR, BG,
VFLS[0–1], VF[0–2], IWP[0–2],
FRZ, LWP[0–1], STS valid 4
5.00
11.74
7.58
14.33
6.25
13.00
0.250
50.00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com