Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MPC850EC Datasheet HTML 28Page - NXP Semiconductors MPC850EC Datasheet HTML 29Page - NXP Semiconductors MPC850EC Datasheet HTML 30Page - NXP Semiconductors MPC850EC Datasheet HTML 31Page - NXP Semiconductors MPC850EC Datasheet HTML 32Page - NXP Semiconductors MPC850EC Datasheet HTML 33Page - NXP Semiconductors MPC850EC Datasheet HTML 34Page - NXP Semiconductors MPC850EC Datasheet HTML 35Page - NXP Semiconductors MPC850EC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
32
Freescale Semiconductor
Bus Signal Timing
Table 8 shows the PCMCIA timing for the MPC850.
Table 8. PCMCIA Timing
Num
Characteristic
50MHz
66MHz
80 MHz
FFACTOR Unit
Min
Max
Min
Max
Min
Max
P44
A[6–31], REG valid to PCMCIA strobe
asserted. 1
1
PSST = 1. Otherwise add PSST times cycle time.
PSHT = 0. Otherwise add PSHT times cycle time.
These synchronous timings define when the WAIT_B signal is detected in order to freeze (or relieve) the PCMCIA
current cycle. The WAIT_B assertion will be effective only if it is detected 2 cycles before the PSL timer expiration.
See PCMCIA Interface in the MPC850 PowerQUICC User’s Manual.
13.00
—
21.00
—
17.00
—
0.750
ns
P45
A[6–31], REG valid to ALE negation.1
18.00
—
28.00
—
23.00
—
1.000
ns
P46
CLKOUT to REG valid
5.00
13.00
8.00
16.00
6.00
14.00
0.250
ns
P47
CLKOUT to REG Invalid.
6.00
—
9.00
—
7.00
—
0.250
ns
P48
CLKOUT to CE1, CE2 asserted.
5.00
13.00
8.00
16.00
6.00
14.00
0.250
P49
CLKOUT to CE1, CE2 negated.
5.00
13.00
8.00
16.00
6.00
14.00
0.250
ns
P50
CLKOUT to PCOE, IORD, PCWE,
IOWR assert time.
—
11.00
—
11.00
—
11.00
—
ns
P51
CLKOUT to PCOE, IORD, PCWE,
IOWR negate time.
2.00
11.00
2.00
11.00
2.00
11.00
—
ns
P52
CLKOUT to ALE assert time
5.00
13.00
8.00
16.00
6.00
14.00
0.250
ns
P53
CLKOUT to ALE negate time
—
13.00
—
16.00
—
14.00
0.250
ns
P54
PCWE, IOWR negated to D[0–31]
invalid.1
3.00
—
6.00
—
4.00
—
0.250
ns
P55
WAIT_B valid to CLKOUT rising edge.1
8.00
—
8.00
—
8.00
—
—
ns
P56
CLKOUT rising edge to WAIT_B
invalid.1
2.00
—
2.00
—
2.00
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com