Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC850EC Datasheet HTML 2Page - NXP Semiconductors MPC850EC Datasheet HTML 3Page - NXP Semiconductors MPC850EC Datasheet HTML 4Page - NXP Semiconductors MPC850EC Datasheet HTML 5Page - NXP Semiconductors MPC850EC Datasheet HTML 6Page - NXP Semiconductors MPC850EC Datasheet HTML 7Page - NXP Semiconductors MPC850EC Datasheet HTML 8Page - NXP Semiconductors MPC850EC Datasheet HTML 9Page - NXP Semiconductors MPC850EC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
6
Freescale Semiconductor
Features
•
QUICC multichannel controller (QMC) microcode features
— Up to 64 independent communication channels on a single SCC
— Arbitrary mapping of 0–31 channels to any of 0–31 TDM time slots
— Supports either transparent or HDLC protocols for each channel
— Independent TxBDs/Rx and event/interrupt reporting for each channel
•
One universal serial bus controller (USB)
— Supports host controller and slave modes at 1.5 Mbps and 12 Mbps
•
Two serial management controllers (SMCs)
— UART
— Transparent
— General circuit interface (GCI) controller
— Can be connected to the time-division-multiplexed (TDM) channel
•
One serial peripheral interface (SPI)
— Supports master and slave modes
— Supports multimaster operation on the same bus
•
One I2C® (interprocessor-integrated circuit) port
— Supports master and slave modes
— Supports multimaster environment
•
Time slot assigner
— Allows SCCs and SMCs to run in multiplexed operation
— Supports T1, CEPT, PCM highway, ISDN basic rate, ISDN primary rate, user-defined
— 1- or 8-bit resolution
— Allows independent transmit and receive routing, frame syncs, clocking
— Allows dynamic changes
— Can be internally connected to four serial channels (two SCCs and two SMCs)
•
Low-power support
— Full high: all units fully powered at high clock frequency
— Full low: all units fully powered at low clock frequency
— Doze: core functional units disabled except time base, decrementer, PLL, memory controller,
real-time clock, and CPM in low-power standby
— Sleep: all units disabled except real-time clock and periodic interrupt timer. PLL is active for
fast wake-up
— Deep sleep: all units disabled including PLL, except the real-time clock and periodic interrupt
timer
— Low-power stop: to provide lower power dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com