Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MPC850EC Datasheet HTML 57Page - NXP Semiconductors MPC850EC Datasheet HTML 58Page - NXP Semiconductors MPC850EC Datasheet HTML 59Page - NXP Semiconductors MPC850EC Datasheet HTML 60Page - NXP Semiconductors MPC850EC Datasheet HTML 61Page - NXP Semiconductors MPC850EC Datasheet HTML 62Page - NXP Semiconductors MPC850EC Datasheet HTML 63Page - NXP Semiconductors MPC850EC Datasheet HTML 64Page - NXP Semiconductors MPC850EC Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
61
CPM Electrical Characteristics
Figure 60. SPI Slave (CP = 1) Timing Diagram
8.11
I2C AC Electrical Specifications
Table 24 provides the I2C (SCL < 100 KHz) timings.
Table 24. I2C Timing (SCL < 100 KHZ)
Num
Characteristic
All Frequencies
Unit
Min
Max
200
SCL clock frequency (slave)
0.00
100.00
KHz
200
SCL clock frequency (master) 1
1.50
100.00
KHz
202
Bus free time between transmissions
4.70
—
µs
203
Low period of SCL
4.70
—
µs
204
High period of SCL
4.00
—
µs
205
Start condition setup time
4.70
—
µs
206
Start condition hold time
4.00
—
µs
207
Data hold time
0.00
—
µs
208
Data setup time
250.00
—
ns
209
SDL/SCL rise time
—
1.00
µs
SPIMOSI
(Input)
SPICLK
(CI=0)
(Input)
SPICLK
(CI=1)
(Input)
SPIMISO
(Output)
180
Data
181
182
msb
lsb
181
177
182
175
179
SPISEL
(Input)
174
Data
msb
lsb
Undef
178
176
182
msb
msb
172
173
173
171
170
181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com