Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 41 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button MPC850EC Datasheet HTML 37Page - NXP Semiconductors MPC850EC Datasheet HTML 38Page - NXP Semiconductors MPC850EC Datasheet HTML 39Page - NXP Semiconductors MPC850EC Datasheet HTML 40Page - NXP Semiconductors MPC850EC Datasheet HTML 41Page - NXP Semiconductors MPC850EC Datasheet HTML 42Page - NXP Semiconductors MPC850EC Datasheet HTML 43Page - NXP Semiconductors MPC850EC Datasheet HTML 44Page - NXP Semiconductors MPC850EC Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
41
CPM Electrical Characteristics
Figure 37. Boundary Scan (JTAG) Timing Diagram
8
CPM Electrical Characteristics
This section provides the AC and DC electrical specifications for the communications processor module
(CPM) of the MPC850.
8.1
PIO AC Electrical Specifications
Table 13 provides the parallel I/O timings for the MPC850 as shown in Figure 38.
Table 13. Parallel I/O Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
29
Data-in setup time to clock high
15
—
ns
30
Data-in hold time from clock high
7.5
—
ns
31
Clock low to data-out valid (CPU writes data, control, or direction)
—
25
ns
TCK
Output
Signals
Output
Signals
Input
Signals
J92
J94
J93
J95
J96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com