Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MPC850EC Datasheet HTML 41Page - NXP Semiconductors MPC850EC Datasheet HTML 42Page - NXP Semiconductors MPC850EC Datasheet HTML 43Page - NXP Semiconductors MPC850EC Datasheet HTML 44Page - NXP Semiconductors MPC850EC Datasheet HTML 45Page - NXP Semiconductors MPC850EC Datasheet HTML 46Page - NXP Semiconductors MPC850EC Datasheet HTML 47Page - NXP Semiconductors MPC850EC Datasheet HTML 48Page - NXP Semiconductors MPC850EC Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
45
CPM Electrical Characteristics
8.3
Baud Rate Generator AC Electrical Specifications
Table 15 provides the baud rate generator timings as shown in Figure 43.
Figure 43. Baud Rate Generator Timing Diagram
8.4
Timer AC Electrical Specifications
Table 16 provides the baud rate generator timings as shown in Figure 44.
Table 15. Baud Rate Generator Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
50
BRGO rise and fall time
—
10.00
ns
51
BRGO duty cycle
40.00
60.00
%
52
BRGO cycle
40.00
—
ns
Table 16. Timer Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
61
TIN/TGATE rise and fall time
10.00
—
ns
62
TIN/TGATE low time
1.00
—
clk
63
TIN/TGATE high time
2.00
—
clk
64
TIN/TGATE cycle time
3.00
—
clk
65
CLKO high to TOUT valid
3.00
25.00
ns
52
50
51
BRGOn
50
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com