Electronic Components Datasheet Search
  English  ▼

X  

MPC850EC Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MPC850EC
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850EC Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MPC850EC Datasheet HTML 52Page - NXP Semiconductors MPC850EC Datasheet HTML 53Page - NXP Semiconductors MPC850EC Datasheet HTML 54Page - NXP Semiconductors MPC850EC Datasheet HTML 55Page - NXP Semiconductors MPC850EC Datasheet HTML 56Page - NXP Semiconductors MPC850EC Datasheet HTML 57Page - NXP Semiconductors MPC850EC Datasheet HTML 58Page - NXP Semiconductors MPC850EC Datasheet HTML 59Page - NXP Semiconductors MPC850EC Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
56
Freescale Semiconductor
CPM Electrical Characteristics
Figure 55. Ethernet Transmit Timing Diagram
8.8
SMC Transparent AC Electrical Specifications
Figure 21 provides the SMC transparent timings as shown in Figure 56.
Table 21. Serial Management Controller Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
150
SMCLKx clock period 1
1
The ratio SyncCLK/SMCLKx must be greater or equal to 2/1.
100.00
—
ns
151
SMCLKx width low
50.00
—
ns
151a
SMCLKx width high
50.00
—
ns
152
SMCLKx rise/fall time
—
15.00
ns
153
SMTXDx active delay (from SMCLKx falling edge)
10.00
50.00
ns
154
SMRXDx/SMSYNx setup time
20.00
—
ns
155
SMRXDx/SMSYNx hold time
5.00
—
ns
TCLKx
128
TxDx
(Output)
128
TENA(RTSx)
(Input)
NOTES:
Transmit clock invert (TCI) bit in GSMR is set.
If RENA is deasserted before TENA, or RENA is not asserted at all during transmit, then the
CSL bit is set in the buffer descriptor at the end of the frame transmission.
1.
2.
RENA(CDx)
(Input)
133
134
132
131
130
129
(NOTE 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com