Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 14Page - NXP Semiconductors MMPF0200 Datasheet HTML 15Page - NXP Semiconductors MMPF0200 Datasheet HTML 16Page - NXP Semiconductors MMPF0200 Datasheet HTML 17Page - NXP Semiconductors MMPF0200 Datasheet HTML 18Page - NXP Semiconductors MMPF0200 Datasheet HTML 19Page - NXP Semiconductors MMPF0200 Datasheet HTML 20Page - NXP Semiconductors MMPF0200 Datasheet HTML 21Page - NXP Semiconductors MMPF0200 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 115 page
background image
18
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 6. Default start-up sequence
PU CONFIG, SEQ_CLK_SPEED
1.0 ms
2.0 ms
1.0 ms
1.0 ms
0.5 ms
PU CONFIG, SWDVS_CLK
6.25 mV/
μs
1.5625 mV/
μs
12.5 mV/
μs
12.5 mV/
μs6.25 mV/μs
PU CONFIG, PWRON
Level sensitive
SW1AB CONFIG
SW1AB Single Phase, 2.0 MHz
SW2 CONFIG
2.0 MHz
SW3A CONFIG
SW3AB Single Phase, 2.0 MHz
SW3B CONFIG
2.0 MHz
PG EN
RESETBMCU in Default Mode
Table 8. Start-up configuration (continued)
Registers
Default configuration
Pre-programmed OTP configuration
All devices
F0
F3
F4
F6
UVDET
LICELL
VIN
VSNVS
PWRON
SW1A/B
SW2
VGEN2
SW3A/B
VREFDDR
VGEN4
VGEN5
VGEN6
RESETBMCU
tD1
tD3
tD4
tD4
tR1
tR3
tR3
tR3
tD5
tR4
tR2
tD2
1V
*VSNVS will start from 1.0 V if LICELL is valid before VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com