Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 54Page - NXP Semiconductors MMPF0200 Datasheet HTML 55Page - NXP Semiconductors MMPF0200 Datasheet HTML 56Page - NXP Semiconductors MMPF0200 Datasheet HTML 57Page - NXP Semiconductors MMPF0200 Datasheet HTML 58Page - NXP Semiconductors MMPF0200 Datasheet HTML 59Page - NXP Semiconductors MMPF0200 Datasheet HTML 60Page - NXP Semiconductors MMPF0200 Datasheet HTML 61Page - NXP Semiconductors MMPF0200 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 115 page
background image
58
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 17. SW3AB single phase efficiency waveforms
6.4.5
Boost regulator
SWBST is a boost regulator with a programmable output from 5.0 to 5.15 V. SWBST can supply the VUSB regulator for the USB PHY in
OTG mode, as well as the VBUS voltage. Note that the parasitic leakage path for a boost regulator will cause the SWBSTOUT and
SWBSTFB voltage to be a Schottky drop below the input voltage whenever SWBST is disabled. The switching NMOS transistor is
integrated on-chip. Figure 18 shows the block diagram and component connection for the boost regulator.
Switch mode supply SW3a/B (continued)
ISW3ANQ
SW3A N-MOSFET Leakage Current
VIN = VINSW3A = 4.5 V
––
2.5
µA
RONSW3BP
SW3B P-MOSFET RDS(on)
at VIN = VINSW3B = 3.3 V
–
215
245
m
Ω
RONSW3BN
SW3B N-MOSFET RDS(on)
at VIN = VINSW3B = 3.3 V
–
258
326
m
Ω
ISW3BPQ
SW3B P-MOSFET Leakage Current
VIN = VINSW3B = 4.5 V
––
7.5
µA
ISW3BPQ
SW3B N-MOSFET Leakage Current
VIN = VINSW3B = 4.5 V
––
2.5
µA
RSW3xDIS
Discharge Resistance
–
600
–
Ω
Notes
49.
When output is set to > 2.6 V the output will follow the input down when VIN gets near 2.8 V.
50.
Accuracy specification is inclusive of load and line regulation.
51.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation:
(VINSW3x - VSW3x) = ISW3x* (DCR of Inductor +RONSW3xP + PCB trace resistance).
Table 71. SW3A/B electrical characteristics (continued)
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = VINSW3x = 3.6 V,
VSW3x = 1.5 V, ISW3x = 100 mA, SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single phase and
independent mode unless, otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
Symbol
P
arameter
Min.
Typ.
Max.
Unit
Notes
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Ef
fi
ci
e
n
cy
(%
)
Load Current (mA)
PFM - Vout = 1.5V
APS - Vout = 1.5V
PWM - Vout = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com