Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 55Page - NXP Semiconductors MMPF0200 Datasheet HTML 56Page - NXP Semiconductors MMPF0200 Datasheet HTML 57Page - NXP Semiconductors MMPF0200 Datasheet HTML 58Page - NXP Semiconductors MMPF0200 Datasheet HTML 59Page - NXP Semiconductors MMPF0200 Datasheet HTML 60Page - NXP Semiconductors MMPF0200 Datasheet HTML 61Page - NXP Semiconductors MMPF0200 Datasheet HTML 62Page - NXP Semiconductors MMPF0200 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 115 page
background image
NXP Semiconductors
59
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 18. Boost regulator architecture
6.4.5.1
SWBST setup and control
Boost regulator control is done through a single register SWBSTCTL described in Table 72. SWBST is included in the power-up sequence
if its OTP power-up timing bits, SWBST_SEQ[4:0], are not all zeros.
Table 72. Register SWBSTCTL - ADDR 0x66
Name
Bit #
R/W
Default
Description
SWBST1VOLT
1:0
R/W
0x00
Set the output voltage for SWBST
00 = 5.000 V
01 = 5.050 V
10 = 5.100 V
11 = 5.150 V
SWBST1MODE
3:2
R
0x02
Set the Switching mode on Normal operation
00 = OFF
01 = PFM
10 = Auto (Default)(52)
11 = APS
UNUSED
4
–
0x00
UNUSED
SWBST1STBYMODE
6:5
R/W
0x02
Set the Switching mode on Standby
00 = OFF
01 = PFM
10 = Auto (Default)(52)
11 = APS
UNUSED
7
–
0x00
UNUSED
Notes
52.
In Auto mode, the controller automatically switches between PFM and APS modes depending on the load current.
The SWBST regulator starts up by default in the Auto mode, if SWBST is part of the startup sequence.
SWBSTLX
VOBST
Driver
Controller
EA
Z1
Z2
Internal
Compensation
I2C
Interface
SWBSTMODE
VREFUV
VREF
EP
VIN
LBST
CINBST
DBST
SWBSTFB
RSENSE
SC
VREFSC
SWBSTFAULT
OC
UV
COSWBST
SWBSTIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com