Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 73Page - NXP Semiconductors MMPF0200 Datasheet HTML 74Page - NXP Semiconductors MMPF0200 Datasheet HTML 75Page - NXP Semiconductors MMPF0200 Datasheet HTML 76Page - NXP Semiconductors MMPF0200 Datasheet HTML 77Page - NXP Semiconductors MMPF0200 Datasheet HTML 78Page - NXP Semiconductors MMPF0200 Datasheet HTML 79Page - NXP Semiconductors MMPF0200 Datasheet HTML 80Page - NXP Semiconductors MMPF0200 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 115 page
background image
NXP Semiconductors
77
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.7
VSNVS LDO/switch
VSNVS powers the low power, SNVS/RTC domain on the processor. It derives its power from either VIN, or coin cell, and cannot be
disabled. When powered by both, VIN takes precedence when above the appropriate comparator threshold. When powered by VIN,
VSNVS is an LDO capable of supplying seven voltages: 3.0, 1.8, 1.5, 1.3, 1.2, 1.1, and 1.0 V. The bits VSNVSVOLT[2:0] in register
VSNVS_CONTROL determine the output voltage. When powered by coin cell, VSNVS is an LDO capable of supplying 1.8, 1.5, 1.3, 1.2,
1.1, or 1.0 V as shown in Table 92. If the 3.0 V option is chosen with the coin cell, VSNVS tracks the coin cell voltage by means of a switch,
whose maximum resistance is 100
Ω. In this case, the VSNVS voltage is simply the coin cell voltage minus the voltage drop across the
switch, which is 40 mV at a rated maximum load current of 400
μA.
The default setting of the VSNVSVOLT[2:0] is 110, or 3.0 V, unless programmed otherwise in OTP. However, when the coin cell is applied
for the very first time, VSNVS will output 1.0 V. Only when VIN is applied thereafter will VSNVS transition to its default, or programmed
value if different. Upon subsequent removal of VIN, with the coin cell attached, VSNVS will change configuration from an LDO to a switch
for the “110” setting, and will remain as an LDO for the other settings, continuing to output the same voltages as when VIN is applied,
providing certain conditions are met as described in Table 92.
VGEN6 AC and transient (continued)
GEN6tOFF
Turn-off Time
Disable to 10% of initial value, VIN3 = VIN3MIN
IGEN6 = 0.0 mA
––
10
ms
GEN6OSHT
Start-up Overshoot
VIN3 = VIN3MIN, 4.5 V, IGEN6 = 0 mA
–1.0
2.0
%
VGEN6LOTR
Transient Load Response
VIN3 = VIN3MIN, 4.5 V
IGEN6 = 20 to 200 mA in 1.0 μs
Peak of overshoot or undershoot of VGEN6 with respect to final
value. Refer to Figure 20
––
3.0
%
VGEN6LITR
Transient Line Response
IGEN6 = 150 mA
VIN3INITIAL = 2.8 V to VIN3FINAL = 3.3 V for
VGEN6[3:0] = 0000 to 0111
VIN3INITIAL = VGEN6+0.3 V to VIN3FINAL = VGEN6+0.8 V for
VGEN6[3:0] = 1000 to 1111
Refer to Figure 20
–5.0
8.0
mV
Notes
65.
When the LDO Output voltage is set above 2.6 V the minimum allowed input voltage need to be at least the output voltage plus 0.25 V for proper
regulation due to the dropout voltage generated through the internal LDO transistor.
66.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test. VIN3MIN refers to the minimum allowed input voltage for a particular output voltage.
Table 91. VGEN6 electrical characteristics (continued)
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VIN3 = 3.6 V,
VGEN6[3:0] = 1111, IGEN6 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, VIN3 = 3.6 V, VGEN6[3:0] = 1111, IGEN6 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com