Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 19Page - NXP Semiconductors MMPF0200 Datasheet HTML 20Page - NXP Semiconductors MMPF0200 Datasheet HTML 21Page - NXP Semiconductors MMPF0200 Datasheet HTML 22Page - NXP Semiconductors MMPF0200 Datasheet HTML 23Page - NXP Semiconductors MMPF0200 Datasheet HTML 24Page - NXP Semiconductors MMPF0200 Datasheet HTML 25Page - NXP Semiconductors MMPF0200 Datasheet HTML 26Page - NXP Semiconductors MMPF0200 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 115 page
background image
NXP Semiconductors
23
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.3.1.1
External components
6.3.2
VREFDDR voltage reference
VREFDDR is an internal PMOS half supply voltage follower capable of supplying up to 10 mA. The output voltage is at one half the input
voltage. Its typically used as the reference voltage for DDR memories. A filtered resistor divider is utilized to create a low-frequency pole.
This divider then utilizes a voltage follower to drive the load.
Figure 7. VREFDDR block diagram
Table 16. Core voltages electrical specifications(28)
Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 2.8 to 4.5 V, LICELL = 1.8 to 3.3 V, and typical external
component values. Typical values are characterized at VIN = 3.6 V, LICELL = 3.0 V, and 25 °C, unless otherwise noted.
Symbol
Parameters
Min.
Typ.
Max.
Units
Notes
VCOREDIG (digital core supply)
VCOREDIG
Output Voltage
ON mode
Coin cell mode and OFF
–
–
1.5
1.3
–
–
V
(27)
VCORE (Analog core supply)
VCORE
Output Voltage
ON mode and charging
OFF and Coin cell mode
–
–
2.775
0.0
–
–
V
(27)
VCOREREF (bandgap / regulator reference)
VCOREREF
Output Voltage
–
1.2
–
V
(27)
VCOREREFACC
Absolute Accuracy
–
0.5
–
%
VCOREREFTACC
Temperature Drift
–
0.25
–
%
Notes
27.
3.0 V < VIN < 4.5 V, no external loading on VCOREDIG, VCORE, or VCOREREF. Extended operation down to UVDET, but no system malfunction.
28.
For information only.
Table 17. External components for core voltages
Regulator
Capacitor value (
μF)
VCOREDIG
1.0
VCORE
1.0
VCOREREF
0.22
VINREFDDR
VREFDDR
VINREFDDR
CHALF1
Discharge
+
_
VHALF
VREFDDR
CHALF2
100 nf
100 nf
CREFDDR
1.0 uf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com