Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 77Page - NXP Semiconductors MMPF0200 Datasheet HTML 78Page - NXP Semiconductors MMPF0200 Datasheet HTML 79Page - NXP Semiconductors MMPF0200 Datasheet HTML 80Page - NXP Semiconductors MMPF0200 Datasheet HTML 81Page - NXP Semiconductors MMPF0200 Datasheet HTML 82Page - NXP Semiconductors MMPF0200 Datasheet HTML 83Page - NXP Semiconductors MMPF0200 Datasheet HTML 84Page - NXP Semiconductors MMPF0200 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 115 page
background image
NXP Semiconductors
81
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Coin cell charger control
The coin cell charger circuit will function as a current-limited voltage source, resulting in the CC/CV taper characteristic typically used for
rechargeable Lithium-Ion batteries. The coin cell charger is enabled via the COINCHEN bit while the coin cell voltage is programmable
through the VCOIN[2:0] bits on register COINCTL on Table 97. The coin cell charger voltage is programmable. In the ON state, the
charger current is fixed at ICOINHI. In Sleep and Standby modes, the charger current is reduced to a typical 10
μA. In the OFF state,
coin cell charging is not available as the main battery could be depleted unnecessarily. The coin cell charging will be stopped when VIN
is below UVDET.
External components
Coin cell specifications
Table 96. Coin cell charger voltage
VCOIN[2:0]
VCOIN (V)(73)
000
2.50
001
2.70
010
2.80
011
2.90
100
3.00
101
3.10
110
3.20
111
3.30
Notes
73.
Coin cell voltages selected based on the type of LICELL used on the system.
Table 97. Register COINCTL - ADDR 0x1A
Name
Bit #
R/W
Default
Description
VCOIN
2:0
R/W
0x00
Coin cell charger output voltage selection.
See Table 96 for all options selectable through
these bits.
COINCHEN
3
R/W
0x00
Enable or disable the Coin cell charger
UNUSED
7:4
–
0x00
UNUSED
Table 98. Coin cell charger external components
Component
Value
Units
LICELL Bypass Capacitor
100
nF
Table 99. Coin cell charger specifications
Parameter
Typ
Unit
Voltage Accuracy
100
mV
Coin Cell Charge Current in On mode ICOINHI
60
μA
Current Accuracy
30
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com