Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 26Page - NXP Semiconductors MMPF0200 Datasheet HTML 27Page - NXP Semiconductors MMPF0200 Datasheet HTML 28Page - NXP Semiconductors MMPF0200 Datasheet HTML 29Page - NXP Semiconductors MMPF0200 Datasheet HTML 30Page - NXP Semiconductors MMPF0200 Datasheet HTML 31Page - NXP Semiconductors MMPF0200 Datasheet HTML 32Page - NXP Semiconductors MMPF0200 Datasheet HTML 33Page - NXP Semiconductors MMPF0200 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 115 page
background image
30
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.3
Power tree
The PF0200 PMIC features four buck regulators, one boost regulator, six general purpose LDOs, one switch/LDO combination, and a
DDR voltage reference to supply voltages for the application processor and peripheral devices. The buck regulators as well as the boost
regulator are supplied directly from the main input supply (VIN). The inputs to all of the buck regulators must be tied to VIN, whether they
are powered on or off. The six general use LDO regulators are directly supplied from the main input supply or from the switching regulators
depending on the application requirements. Since VREFDDR is intended to provide DDR memory reference voltage, it should be supplied
by any rail supplying voltage to DDR memories; the typical application recommends the use of SW3 as the input supply for VREFDDR.
VSNVS is supplied by either the main input supply or the coin cell. Refer to Table 26 for a summary of all power supplies provided by the
PF0200.
Figure 9 shows a simplified power map with various recommended options to supply the different block within the PF0200, as well as the
typical application voltage domain on the i.MX 6 application processors. Note that each application power tree is dependent upon the
system’s voltage and current requirements, therefore a proper input voltage should be selected for the regulators.
The minimum operating voltage for the main VIN supply is 2.8 V, for lower voltages proper operation is not guaranteed. However at initial
power up, the input voltage must surpass the rising UVDET threshold before proper operation is guaranteed. Refer to the representative
tables and text specifying each supply for information on performance metrics and operating ranges. Table 27 summarizes the UVDET
thresholds.
Table 26. Power tree summary
Supply
Output voltage (V)
Step size (mV)
Maximum load current (mA)
SW1A/B
0.3 - 1.875
25
2500
SW2
0.4 - 3.3
25/50
1500
SW3A/B
0.4 - 3.3
25/50
1250(38)
SWBST
5.00/5.05/5.10/5.15
50
600
VGEN1
0.80 – 1.55
50
100
VGEN2
0.80 – 1.55
50
250
VGEN3
1.8 – 3.3
100
100
VGEN4
1.8 – 3.3
100
350
VGEN5
1.8 – 3.3
100
100
VGEN6
1.8 – 3.3
100
200
VSNVS
1.0 - 3.0
NA
0.4
VREFDDR
0.5*SW3A_OUT
NA
10
Notes
38.
Current rating per independent phase, when SW3A/B is set in single phase, current capability is up to
2500 mA.
Table 27. UVDET threshold
UVDET Threshold
VIN
Rising
3.1 V
Falling
2.65 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com