Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 24Page - NXP Semiconductors MMPF0200 Datasheet HTML 25Page - NXP Semiconductors MMPF0200 Datasheet HTML 26Page - NXP Semiconductors MMPF0200 Datasheet HTML 27Page - NXP Semiconductors MMPF0200 Datasheet HTML 28Page - NXP Semiconductors MMPF0200 Datasheet HTML 29Page - NXP Semiconductors MMPF0200 Datasheet HTML 30Page - NXP Semiconductors MMPF0200 Datasheet HTML 31Page - NXP Semiconductors MMPF0200 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 115 page
background image
28
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.1.5
Coin cell mode
In the Coin Cell state, the coin cell is the only valid power source (VIN = 0.0 V) to the PMIC. No turn-on event is accepted in the Coin Cell
state. Transition to the OFF state requires that VIN surpasses UVDET threshold. RESETBMCU is held low in this mode.
If the coin cell is depleted, a complete system reset will occur. At the next application of power and the detection of a Turn-on event, the
system will be re-initialized with all I2C bits including those that reset on COINPORB, are restored to their default states.
6.4.2
State machine flow summary
Table 24 provides a summary matrix of the PF0200 flow diagram to show the conditions needed to transition from one state to another.
Table 23. Regulator mode control
SWxOMODE
Off operational mode (sleep) (36)
0Off
1PFM
Notes
36.
For sleep mode, an activated switching regulator, should use the off
mode set point as programmed by SW1ABOFF[5:0] for SW1A/B and
SWxOFF[6:0] for SW2 and SW3A/B.
Table 24. State machine flow summary
STATE
Next state
OFF
Coin cell
Sleep
Standby
ON
OFF
XVIN < UVDET
X
X
PWRON_CFG = 0
PWRON = 1 & VIN > UVDET
or
PWRON_CFG = 1
PWRON = 0 < 4.0 s
& VIN > UNDET
Coin cell
VIN > UVDET
X
X
X
X
Sleep
Thermal Shutdown
VIN < UVDET
X
X
PWRON_CFG = 0
PWRON = 1 & VIN > UVDET
or
PWRON_CFG = 1
PWRON = 0 < 4.0 s &
VIN > UNDET
PWRON_CFG = 1
PWRON = 0 ≥ 4.0 s
Any SWxOMODE = 1 &
PWRONRSTEN = 1
Standby
Thermal Shutdown
VIN < UVDET
PWRON_CFG = 0
PWRON = 0
Any SWxOMODE = 1
or
PWRON_CFG = 1
PWRON = 0 ≥ 4.0 s
Any SWxOMODE = 1 &
PWRONRSTEN = 1
X
Standby de-asserted
PWRON_CFG = 0
PWRON = 0
All SWxOMODE = 0
or
PWRON_CFG = 1
PWRON = 0 ≥ 4.0 s
All SWxOMODE = 0 &
PWRONRSTEN = 1
ON
Thermal Shutdown
VIN < UVDET
PWRON_CFG = 0
PWRON = 0
Any SWxOMODE = 1
or
PWRON_CFG = 1
PWRON = 0 ≥ 4.0 s
Any SWxOMODE = 1 &
PWRONRSTEN = 1
Standby asserted
X
PWRON_CFG = 0
PWRON = 0
All SWxOMODE = 0
or
PWRON_CFG = 1
PWRON = 0 ≥ 4.0 s
All SWxOMODE = 0 &
PWRONRSTEN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com