Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 31Page - NXP Semiconductors MMPF0200 Datasheet HTML 32Page - NXP Semiconductors MMPF0200 Datasheet HTML 33Page - NXP Semiconductors MMPF0200 Datasheet HTML 34Page - NXP Semiconductors MMPF0200 Datasheet HTML 35Page - NXP Semiconductors MMPF0200 Datasheet HTML 36Page - NXP Semiconductors MMPF0200 Datasheet HTML 37Page - NXP Semiconductors MMPF0200 Datasheet HTML 38Page - NXP Semiconductors MMPF0200 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 115 page
background image
NXP Semiconductors
35
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Programmable maximum current
The maximum current, ISWxMAX, of each buck regulator is programmable. This allows the use of smaller inductors where lower currents
are required. Programmability is accomplished by choosing the number of paralleled power stages in each regulator. The
SWx_PWRSTG[2:0] bits on the Extended page 2 of the register map control the number of power stages. See Table 37 for the
programmable options. Bit[0] must always be enabled to ensure the stage with the current sensor is chosen. The default setting,
SWx_PWRSTG[2:0] = 111, represents the highest maximum current. The current limit for each option is also scaled by the percentage
of power stages that are enabled.
Table 35. Optimum phasing
Frequencies
Optimum phasing
1.0 MHz
2.0 MHz
0 °
180 °
1.0 MHz
4.0 MHz
0 °
180 °
2.0 MHz
4.0 MHz
0 °
180 °
1.0 MHz
2.0 MHz
4.0 MHz
0 °
90 °
90 °
Table 36. Regulator frequency configuration
SWxFREQ[1:0]
Frequency
00
1.0 MHz
01
2.0 MHz
10
4.0 MHz
11
Reserved
Table 37. Programmable current configuration
Regulators
Control bits
% of power stages enabled
Rated current (A)
SW1AB
SW1AB_PWRSTG[2:0]
ISW1ABMAX
0
0
1
40%
1.0
0
1
1
80%
2.0
1
0
1
60%
1.5
1
1
1
100%
2.5
SW2
SW2_PWRSTG[2:0]
ISW2MAX
0
0
1
38%
0.55
0
1
1
75%
1.125
1
0
1
63%
0.95
1
1
1
100%
1.5
SW3A
SW3A_PWRSTG[2:0]
ISW3AMAX
0
0
1
40%
0.5
0
1
1
80%
1.0
1
0
1
60%
0.75
1
1
1
100%
1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com