Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 99 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 95Page - NXP Semiconductors MMPF0200 Datasheet HTML 96Page - NXP Semiconductors MMPF0200 Datasheet HTML 97Page - NXP Semiconductors MMPF0200 Datasheet HTML 98Page - NXP Semiconductors MMPF0200 Datasheet HTML 99Page - NXP Semiconductors MMPF0200 Datasheet HTML 100Page - NXP Semiconductors MMPF0200 Datasheet HTML 101Page - NXP Semiconductors MMPF0200 Datasheet HTML 102Page - NXP Semiconductors MMPF0200 Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 115 page
background image
NXP Semiconductors
99
PF0200
TYPICAL APPLICATIONS
7
Typical applications
7.1
Introduction
Figure 24 provides a typical application diagram of the PF0200 PMIC together with its functional components. For details on component
references and additional components such as filters, refer to the individual sections.
7.1.1
Application diagram
Figure 24. PF0200 typical application schematic
VIN
LICELL
SWBSTFB
SWBSTIN
SWBSTLX
O/P
Drive
SWBST
600 mA
Boost
Output Pin
Input Pin
Bi-directional Pin
Package Pin Legend
SCL
SDA
VDDIO
SW3A/B
Single Phase
2500 mA
Buck
VCOREDIG
VCOREREF
GNDREF
100nF
Coin Cell
Battery
1uF
220nF
Vin
2 x 22uF
SWBST
Output
2.2uH
10uF
Vin
To/From
AP
SW1AIN
SW1FB
SW1ALX
SW1BLX
SW1A/B
Single
2500 mA
Buck
SW1VSSSNS
1.0uH
4 x 22uF
SW1AB
output
Vin
4.7uF
VSNVS
0.47uF
Li Cell
Charger
SW2
1500 mA
Buck
VGEN1
100mA
VGEN1
VIN1
2.2uF
VGEN2
250mA
VGEN2
4.7uF
VGEN3
100mA
VGEN3
VIN2
2.2uF
VGEN4
350mA
VGEN4
4.7uF
VGEN5
100mA
VGEN5
VIN3
2.2uF
VGEN6
200mA
VGEN6
2.2uF
Best
of
Supply
OTP
VREFDDR
1uF
VDDOTP
VINREFDDR
VHALF
100nF
100nF
VCORE
PF0200
CONTROL
Clocks
32kHz and 16MHz
Initialization State Machine
I2C
Interface
Clocks and
resets
I2C
Register
map
Trim-In-Package
1uF
O/P
Drive
O/P
Drive
Vin
SW1BIN
4.7uF
SW2FB
SW2LX
O/P
Drive
SW2IN
4.7uF
1.0uH
SW2
output
2 x 22uF
Vin
SW2IN
SW3AIN
SW3AFB
SW3ALX
SW3BLX
1.0uH
2 x 22uF
SW3A
output
Vin
4.7uF
O/P
Drive
O/P
Drive
SW3BIN
4.7uF
Vin
SW3B
Output
SW3BFB
2 x 22uF
1.0uH
SW3VSSSNS
Supplies
Control
DVS Control
DVS CONTROL
Reference
Generation
SW3A
Vin
Core Control logic
VIN1
VIN2
VIN3
VDDOTP
SW2
SW2
SW2
1.0uF
1.0uF
1.0uF
GNDREF1
VDDIO
To
MCU
+
-
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com