Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 21Page - NXP Semiconductors MMPF0200 Datasheet HTML 22Page - NXP Semiconductors MMPF0200 Datasheet HTML 23Page - NXP Semiconductors MMPF0200 Datasheet HTML 24Page - NXP Semiconductors MMPF0200 Datasheet HTML 25Page - NXP Semiconductors MMPF0200 Datasheet HTML 26Page - NXP Semiconductors MMPF0200 Datasheet HTML 27Page - NXP Semiconductors MMPF0200 Datasheet HTML 28Page - NXP Semiconductors MMPF0200 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 115 page
background image
NXP Semiconductors
25
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4
Power generation
6.4.1
Modes of operation
The operation of the PF0200 can be reduced to five states, or modes: ON, OFF, Sleep, Standby, and Coin Cell. Figure 8 shows the state
diagram of the PF0200, along with the conditions to enter and exit from each state.
Active mode – AC
tONREFDDR
Turn-on Time
Enable to 90% of end value
VINREFDDR = 1.2 V, 1.8 V
IREFDDR = 0.0 mA
–
–
100
μs
tOFFREFDDR
Turn-off Time
Disable to 10% of initial value
VINREFDDR = 1.2 V, 1.8 V
IREFDDR = 0.0 mA
––
10
ms
VREFDDROSH
Start-up Overshoot
VINREFDDR = 1.2 V, 1.8 V
IREFDDR = 0.0 mA
–1.0
6.0
%
VREFDDRTLR
Transient Load Response
VINREFDDR = 1.2 V, 1.8 V
–5.0
–
mV
Notes
31.
When VREFDDR is off there is a quiescent current of 1.5
μA typical.
Table 20. VREFDDR electrical characteristics (continued)
Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, IREFDDR = 0.0 mA, VINREFDDR = 1.5 V and typical
external component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, IREFDDR = 0.0 mA, VINREFDDR =
1.5 V, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com