Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 56Page - NXP Semiconductors MMPF0200 Datasheet HTML 57Page - NXP Semiconductors MMPF0200 Datasheet HTML 58Page - NXP Semiconductors MMPF0200 Datasheet HTML 59Page - NXP Semiconductors MMPF0200 Datasheet HTML 60Page - NXP Semiconductors MMPF0200 Datasheet HTML 61Page - NXP Semiconductors MMPF0200 Datasheet HTML 62Page - NXP Semiconductors MMPF0200 Datasheet HTML 63Page - NXP Semiconductors MMPF0200 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 115 page
background image
60
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.5.2
SWBST external components
6.4.5.3
SWBST specifications
Table 73. SWBST external component requirements
Components
Description
Values
CINBST(53)
SWBST input capacitor
10
μF
CINBSTHF(53)
SWBST decoupling input capacitor
0.1
μF
COBST(53)
SWBST output capacitor
2 x 22
μF
LSBST
SWBST inductor
2.2
μH
DBST
SWBST boost diode
1.0 A, 20 V Schottky
Notes
53.
Use X5R or X7R capacitors.
Table 74. SWBST electrical specifications
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = VINSWBST = 3.6 V,
VSWBST = 5.0 V, ISWBST = 100 mA, typical external component values, fSWBST = 2.0 MHz, otherwise noted. Typical values are
characterized at VIN = VINSWBST = 3.6 V, VSWBST = 5.0 V, ISWBST = 100 mA, and 25 °C, unless otherwise noted.
Symbol
Parameters
Min.
Typ.
Max.
Units
Notes
Switch mode supply SWBST
VINSWBST
Input Voltage Range
2.8
–
4.5
V
VSWBST
Nominal Output Voltage
–
Table 72
–V
VSWBSTACC
Output Voltage Accuracy
2.8 V
≤ VIN ≤ 4.5 V
0 < ISWBST < ISWBSTMAX
-4.0
–
3.0
%
ΔVSWBST
Output Ripple
2.8 V
≤ VIN ≤ 4.5 V
0 < ISWBST < ISWBSTMAX, excluding reverse recovery of Schottky
diode
–
–
120
mV Vp-p
VSWBSTLOR
DC Load Regulation
0 < ISWBST < ISWBSTMAX
–0.5
–
mV/mA
VSWBSTLIR
DC Line Regulation
2.8 V
≤ VIN ≤ 4.5 V, ISWBST = ISWBSTMAX
–
50
–
mV
ISWBST
Continuous Load Current
2.8 V
≤ VIN ≤ 3.0 V
3.0 V
≤ VIN ≤ 4.5 V
–
–
–
–
500
600
mA
ISWBSTQ
Quiescent Current
AUTO
–
222
289
μA
RDSONBST
MOSFET on Resistance
–
206
306
m
Ω
ISWBSTLIM
Peak Current Limit
1400
2200
3200
mA
(54)
VSWBSTOSH
Start-up Overshoot
ISWBST = 0.0 mA
––
500
mV
VSWBSTTR
Transient Load Response
ISWBST from 1.0 to 100 mA in 1.0 µs
Maximum transient Amplitude
––
300
mV
VSWBSTTR
Transient Load Response
ISWBST from 100 to 1.0 mA in 1.0 µs
Maximum transient Amplitude
––
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com