Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 18Page - NXP Semiconductors MMPF0200 Datasheet HTML 19Page - NXP Semiconductors MMPF0200 Datasheet HTML 20Page - NXP Semiconductors MMPF0200 Datasheet HTML 21Page - NXP Semiconductors MMPF0200 Datasheet HTML 22Page - NXP Semiconductors MMPF0200 Datasheet HTML 23Page - NXP Semiconductors MMPF0200 Datasheet HTML 24Page - NXP Semiconductors MMPF0200 Datasheet HTML 25Page - NXP Semiconductors MMPF0200 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 115 page
background image
22
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.2
16 MHz and 32 kHz clocks
There are two clocks: a trimmed 16 MHz, RC oscillator and an untrimmed 32 kHz, RC oscillator. The 16 MHz oscillator is specified within
-8.0/+8.0%. The 32 kHz untrimmed clock is only used in the following conditions:
• VIN < UVDET
• All regulators are in SLEEP mode
• All regulators are in PFM switching mode
A 32 kHz clock, derived from the 16 MHz trimmed clock, is used when accurate timing is needed under the following conditions:
• During start-up, VIN > UVDET
• PWRON_CFG = 1, for power button debounce timing
In addition, when the 16 MHz is active in the ON mode, the debounce times in Table 25 are referenced to the 32 kHz derived from the
16 MHz clock. The exceptions are the LOWVINI and PWRONI interrupts, which are referenced to the 32 kHz untrimmed clock.
6.2.1
Clock adjustment
The 16 MHz clock and hence the switching frequency of the regulators, can be adjusted to improve the noise integrity of the system. By
changing the factory trim values of the 16MHz clock, the user may add an offset as small as
±3.0% of the nominal frequency.
6.3
Bias and references block description
6.3.1
Internal core voltage references
All regulators use the main bandgap as the reference. The main bandgap is bypassed with a capacitor at VCOREREF. The bandgap and
the rest of the core circuitry are supplied from VCORE. The performance of the regulators is directly dependent on the performance of the
bandgap. No external DC loading is allowed on VCORE, VCOREDIG, or VCOREREF. VCOREDIG is kept powered as long as there is a
valid supply and/or valid coin cell. Table 16 shows the main characteristics of the core circuitry.
Table 14. Source of start-up sequence
VDDOTP(V)
TBB_POR FUSE_POR_XOR
Start-up sequence
0
0
0
None
0
0
1
OTP fuses
0
1
x
TBBOTP registers
1.5
x
x
Factory defined
Table 15. 16 MHz clock specifications
Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 2.8 to 4.5 V, LICELL = 1.8 to 3.3 V and typical external
component values. Typical values are characterized at VIN = 3.6 V, LICELL = 3.0 V, and 25 °C, unless otherwise noted.
Symbol
Parameters
Min.
Typ.
Max.
Units
Notes
VIN16MHz
Operating Voltage From VIN
2.8
–
4.5
V
f16MHZ
16 MHz Clock Frequency
14.7
16
17.3
MHz
f2MHZ
2.0 MHz Clock Frequency
1.84
–
2.16
MHz
(26)
Notes
26.
2.0 MHz clock is derived from the 16 MHz clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com