Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 26Page - Texas Instruments TUSB1004 Datasheet HTML 27Page - Texas Instruments TUSB1004 Datasheet HTML 28Page - Texas Instruments TUSB1004 Datasheet HTML 29Page - Texas Instruments TUSB1004 Datasheet HTML 30Page - Texas Instruments TUSB1004 Datasheet HTML 31Page - Texas Instruments TUSB1004 Datasheet HTML 32Page - Texas Instruments TUSB1004 Datasheet HTML 33Page - Texas Instruments TUSB1004 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
A6
A5
A4
A3
A2
A1
A0
0
S
C7
C6
C5
C4
C3
C2
C1
C0
A
Target Address
A
Register O set Xh
Write
Ack
Start
Sr
Repeated Start
A6
A5
A4
A3
A2
A1
A0
1
S
D7
D6
D5
D4
D3
D2
D1
D0
A
Target Address
A
P
Data from Register Xh
Read
Stop
D7
D6
D5
D4
D3
D2
D1
D0
A
Data from Register Xh + 1
Figure 7-4. I2C Read with Repeated Start
The following procedure should be followed to read the TUSB1004 I2C registers with a repeated Start (refer
Figure 7-4).
1. The controller initiates a read operation by generating a start condition (S), followed by the TUSB1004 7-bit
address and a zero-value “W/R” bit to indicate a write cycle.
2. The TUSB1004 acknowledges the 7-bit address cycle.
3. The controller presents the register offset within TUSB1004 to be written, consisting of one byte of data,
MSB-first.
4. The TUSB1004 acknowledges the register offset cycle.
5. The controller presents a repeated start condition (Sr).
6. The controller initiates a read operation by generating a start condition (S), followed by the TUSB1004 7-bit
address and a one-value “W/R” bit to indicate a read cycle.
7. The TUSB1004 acknowledges the 7-bit address cycle.
8. The TUSB1004 transmit the contents of the memory registers MSB-first starting at the register offset.
9. The TUSB1004 shall wait for either an acknowledge (ACK) or a not-acknowledge (NACK) from the controller
after each byte transfer; the I2C controller acknowledges reception of each data byte transfer.
10. If an ACK is received, the TUSB1004 transmits the next byte of data as long as controller provides the clock.
If a NAK is received, the TUSB1004 stops providing data and waits for a stop condition (P).
11. The controller terminates the read operation by generating a stop condition (P).
A6
A5
A4
A3
A2
A1
A0
0
S
C7
C6
C5
C4
C3
C2
C1
C0
A
Target Address
A
Register O set
Write
Ack
Start
P
Stop
Figure 7-5. I2C Write Without Data
The following procedure should be followed for setting a starting sub-address for I2C reads (refer to Figure 7-5).
1. The controller initiates a write operation by generating a start condition (S), followed by the TUSB1004 7-bit
address and a zero-value “W/R” bit to indicate a write cycle.
2. The TUSB1004 acknowledges the address cycle.
3. The controller presents the register offset within TUSB1004 to be written, consisting of one byte of data,
MSB-first.
4. The TUSB1004 acknowledges the register offset cycle.
5. The controller terminates the write operation by generating a stop condition (P).
TUSB1004
SLLSFL3 – APRIL 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com