Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 39Page - Texas Instruments TUSB1004 Datasheet HTML 40Page - Texas Instruments TUSB1004 Datasheet HTML 41Page - Texas Instruments TUSB1004 Datasheet HTML 42Page - Texas Instruments TUSB1004 Datasheet HTML 43Page - Texas Instruments TUSB1004 Datasheet HTML 44Page - Texas Instruments TUSB1004 Datasheet HTML 45Page - Texas Instruments TUSB1004 Datasheet HTML 46Page - Texas Instruments TUSB1004 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
CRX2P
CRX2N
CTX2P
CTX2N
CTX1P
CTX1N
CRX1P
CRX1N
SSTX2P
SSTX2N
SSRX2P
SSRX2N
SSTX2P
SSTX2N
SSRX2P
SSRX2N
CAC-USB1
USB 3.2 Host
TEST2/SCL
AEQENZ/SDA
EN
MODE
SSEQ0/A0
SSEQ1/A1
CEQ0
CEQ1
AEQCFG
EQCFG
VIO_SEL
TEST1
100nF
10PF
3.3V
100nF
100nF
100nF
TP
CAC-USB1
CAC-USB2
Optional
CAC-USB1
RRX
Optional
CAC-USB2
Optional
Optional
RRX
RESD
SSTX1P
SSTX1N
SSRX1P
SSRX1N
CAC-USB1
SSTX1P
SSTX1N
SSRX1P
SSRX1N
SLP_S0#
TESTOUT1
TESTOUT2
GPIO0
RESD
3.3V
MODE
DNI
3.3V
SSEQ0
DNI
DNI
3.3V
SSEQ1
DNI
DNI
3.3V
CEQ0
DNI
DNI
3.3V
CEQ1
DNI
DNI
3.3V
AEQCFG
DNI
DNI
3.3V
EQCFG
DNI
DNI
3.3V
VIO_SEL
DNI
DNI
3.3V
TEST1
10-kQ
TEST1
VIO_SEL
EQCFG
AEQCFG
CEQ1
CEQ0
SSEQ1
SSEQ0
MODE
RESD
RESD
DNI = DO NOT INSTALL
TUSB1004
1-kQ
3.3V
DNI
1-kQ
AEQENZ
AEQENZ
CEN
SSTXP
SSTXN
GND
SSRXP
SSRXN
GND
DP
DM
VBUS
9
8
7
6
5
4
3
2
1
SSTXP
SSTXN
GND
SSRXP
SSRXN
GND
DP
DM
VBUS
9
8
7
6
5
4
3
2
1
Figure 11-1. Application Circuit
www.ti.com
TUSB1004
SLLSFL3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com