Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 31Page - Texas Instruments TUSB1004 Datasheet HTML 32Page - Texas Instruments TUSB1004 Datasheet HTML 33Page - Texas Instruments TUSB1004 Datasheet HTML 34Page - Texas Instruments TUSB1004 Datasheet HTML 35Page - Texas Instruments TUSB1004 Datasheet HTML 36Page - Texas Instruments TUSB1004 Datasheet HTML 37Page - Texas Instruments TUSB1004 Datasheet HTML 38Page - Texas Instruments TUSB1004 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
Table 7-16. AEQ_CONTROL2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-3
FASTAEQ_LIMITS
R/W
2h
Selects the upper/lower limits of DAC for determining short vs long
channel.
0h = ± 0 mV
1h = ± 40 mV
2h = ± 80 mV
3h = ± 120 mV
4h = ± 160 mV
5h = ± 200 mV
6h = ± 240 mV
7h = ± 280 mV
2-0
OVER_EQ_CTRL
R/W
0h
This field will increase or decrease the AEQ by value programmed
into this field. For example, full AEQ value is 6 and this field is
programmed to 2 and OVER_EQ_SIGN = 0, then EQ value used will
be 8. This field is only used in Full AEQ mode.
0h = 0 or -8
1h = 1 or -7
2h = 2 or -6
3h = 3 or -5
4h = 4 or -4
5h = 5 or -3
6h = 6 or -2
7h = 7 or -1
7.6.1.8 AEQ_LONG Register (Offset = 1Eh) [Reset = 77h]
AEQ_LONG is shown in Table 7-17.
Return to the Table 7-8.
This register is used to program the EQ used for long channel setting when Fast AEQ is enabled.
Table 7-17. AEQ_LONG Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
LONG_CEQ2
R/W
7h
When AEQ_EN = 1 and AEQ_MODE = x0 (i.e., Fast), selects
EQ setting for USB connector port2 (CRX2) when long channel is
detected. The user should program this field with the value that
provides the best Rx JTOL results for a long channel configuration.
3-0
LONG_CEQ1
R/W
7h
When AEQ_EN = 1 and AEQ_MODE = x0, selects EQ setting for
USB connector port1 (CRX1) when long channel is detected. The
user should program this field with the value that provides the best
Rx JTOL results for a long channel configuration.
7.6.1.9 USBC_EQ Register (Offset = 20h) [Reset = 00h]
USBC_EQ is shown in Table 7-18.
Return to the Table 7-8.
This register controls the receiver equalization setting for the connector receiver (CRX1 and CRX2).
www.ti.com
TUSB1004
SLLSFL3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com