Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 22Page - Texas Instruments TUSB1004 Datasheet HTML 23Page - Texas Instruments TUSB1004 Datasheet HTML 24Page - Texas Instruments TUSB1004 Datasheet HTML 25Page - Texas Instruments TUSB1004 Datasheet HTML 26Page - Texas Instruments TUSB1004 Datasheet HTML 27Page - Texas Instruments TUSB1004 Datasheet HTML 28Page - Texas Instruments TUSB1004 Datasheet HTML 29Page - Texas Instruments TUSB1004 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
7.4.3 USB 3.2 Power States
The TUSB1004 monitors the physical layer conditions like receiver termination, electrical idle, LFPS, and
SuperSpeed signaling rate to determine the state of the USB 3.1 interface. Depending on the state of the
USB 3.2 interface, the TUSB1004 can be in one of four primary modes of operation when USB 3.1 is enabled:
Disconnect, U2/U3, U1, and U0 (Active).
The Disconnect state is the state in which TUSB1004 has not detected far-end termination on both upstream
facing port (UFP) or downstream facing port (DFP). The disconnect mode is the lowest power mode of each
of the four states. The TUSB1004 remains in this state until far-end receiver termination has been detected on
both UFP (SSRX) and DFP (CTX). The TUSB1004 immediately exits this mode and enters U0 once far-end
termination is detected.
Once in U0 state, the TUSB1004 will redrive all traffic received on the port in both directions. U0 is the highest
power mode of all USB 3.2 power states. The TUSB1004 remains in U0 state until electrical idle occurs on both
UFP and DFP. Upon detecting electrical idle, the TUSB1004 immediately transitions to U1.
The U1 state is the intermediate mode between U0 mode and U2/U3 mode. In U1 mode, the TUSB1004 UFP
and DFP receiver termination remains enabled. The UFP and DFP transmitter DC common mode is maintained.
The power consumption in U1 is similar to power consumption of U0.
Next to the disconnect state, the U2/U3 state is next lowest power state. While in this state, the TUSB1004
periodically performs far-end receiver detection. Anytime the far-end receiver termination is not detected on
either UFP or DFP, the TUSB1004 leaves the U2/U3 state and transitions to the Disconnect state. It also
monitors for a valid LFPS. Upon detection of a valid LFPS, the TUSB1004 immediately transitions to the U0
state. In U2/U3 state, the TUSB1004 receiver terminations remain enabled but the TX DC common mode
voltage is not maintained.
7.4.4 Disabling U1 and U2
In systems which have U1 and U2 disabled, it may be necessary to disable U1 and U2 in TUSB1004. In
I2C mode this can be accomplished by setting the USB3_U1_DISABLE field. In pin-strap mode U1 and U2 is
enabled by default and can't be disabled.
7.5 Programming
7.5.1 Pseudocode Examples
7.5.1.1 Fixed EQ with Linear Redriver Mode
// (address, data)
// Initial power-on configuration.
(0x0D, 0x03), // Enable both lanes 1 and 2.
(0x0A, 0x11), // Linear redriver, EQ_OVERRIDE and USB 3.2
(0x1C, 0x80), // Disable AEQ enable.
(0x32, 0xC0), // VOD control
(0x20, 0x44), // USB connector CRx1/CRx2 EQ setting
(0x21, 0x55), // SSTX1 and SSTX2 receiver EQ
TUSB1004
SLLSFL3 – APRIL 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com