Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 40Page - Texas Instruments TUSB1004 Datasheet HTML 41Page - Texas Instruments TUSB1004 Datasheet HTML 42Page - Texas Instruments TUSB1004 Datasheet HTML 43Page - Texas Instruments TUSB1004 Datasheet HTML 44Page - Texas Instruments TUSB1004 Datasheet HTML 45Page - Texas Instruments TUSB1004 Datasheet HTML 46Page - Texas Instruments TUSB1004 Datasheet HTML 47Page - Texas Instruments TUSB1004 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
11.1 USB SSTX1/2 Receiver Configuration
Configuring the TUSB1004 involves understanding the insertion loss (SDD21) of the pre-channel (XAB). The
TUSB1004's SSEQ[1:0] pins if pin-strap mode, or if I2C mode, SSEQ2_SEL and SSEQ1_SEL registers should
be set to the level of the pre-channel insertion loss at 5 GHz. A good rule for FR4 trace insertion loss at 5 GHz
is ≈-1 dB per inch. Using this rule, if the pre-channel for USB (XAB) is 8-inches, the TUSB1004 SSEQ should be
programmed to -8 dB.
11.2 USB CRX1/2 Receiver Configuration
11.2.1 Fixed Equalization
In Fixed EQ operation, a single EQ setting is used for all possible devices inserted into the USB receptacle (with
or without an USB cable). It is recommended to set TUSB1004 CEQ[1:0] pins if pin-strap mode, or CEQ1_SEL
and CEQ2_SEL if I2C mode to about 4 db to 5 dB greater than loss of the post channel (XCD). For example,
if post channel is 0.5 inches, then assuming -1 dB per inch at 5 GHz, CEQ1_SEL and CEQ2_SEL should be
programmed to 4.5 to 5.5 dB. It is recommended to perform USB 3.1 Rx JTOL long and short channel tests to
optimize the setting. Depending of the USB 3.2 Host, a single EQ setting which satisfies both the long and short
channel tests may not be possible. If this is the case, then it is recommended to use AEQ mode.
11.2.2 Full Adaptive Equalization
In Full AEQ mode, the TUSB1004 will determine the best settings regardless if the channel is short, long or
somewhere in between. In pin-strap mode, the Full AEQ is enabled based on the state of AEQENZ pin. In I2C
mode, the Full AEQ feature is enabled by default. Full AEQ is enabled when AEQ_MODE = 1, 2, or 3, and
AEQ_EN = 0x1.
11.2.3 Fast Adaptive Equalization
Fast Adaptive EQ will distinguish between a short and long channel and select a pre-determined EQ setting
based on which channel is detected. Fast AEQ is available only I2C mode. Fast AEQ is enabled when
AEQ_MODE = 0 and AEQ_EN = 1.
The EQ setting used for short channel should be programmed into CEQ1_SEL and CEQ2_SEL registers. It is
recommended to program these registers about 1 dB to 2 dB more than the loss of post channel (XCD). For
example, if post channel is 0.5 inches, then assuming -1dB insertion loss per inch at 5 GHz, CEQ1_SEL and
CEQ2_SEL should be programmed to 1.5 to 2.5 dB. It is recommended to perform USB 3.2 Rx JTOL Short
channel test to find the optimal short channel setting.
The EQ setting used for long channel should be programmed into LONG_CEQ1 and LONG_CEQ2. It is
recommended to program these registers about 4 to 5 dB more than the loss of post channel (XCD). For
example, if post channel is 0.5 inches, then assuming -1 dB per inch at 5 GHz, LONG_CEQ1 and LONG_CEQ2
should be programmed to 4.5 to 5.5 dB. It is recommended to perform USB 3.2 Rx JTOL Long channel test to
find the optimal long channel setting.
TUSB1004
SLLSFL3 – APRIL 2022
www.ti.com
44
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com