Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 7Page - Texas Instruments TUSB1004 Datasheet HTML 8Page - Texas Instruments TUSB1004 Datasheet HTML 9Page - Texas Instruments TUSB1004 Datasheet HTML 10Page - Texas Instruments TUSB1004 Datasheet HTML 11Page - Texas Instruments TUSB1004 Datasheet HTML 12Page - Texas Instruments TUSB1004 Datasheet HTML 13Page - Texas Instruments TUSB1004 Datasheet HTML 14Page - Texas Instruments TUSB1004 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
5.7 USB Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CPLF-LINRL0
Low-frequency -1dB compression
point at LINR_L0 setting.
20 MHz clock pattern; VID is 200 mV to
1200 mV in 10 mV steps;
750
mVpp
CPHF-LINRL0
High-frequency -1dB compression
point at LINR_L0 setting.
5 GHz clock pattern; VID is 200mV to
1200mV in 10mV steps;
650
mVpp
CPLF-LINRL1
Low-frequency -1dB compression
point at LINR_L1 setting.
20 MHz clock pattern; VID is 200 mV to
1200 mV in 10 mV steps;
850
mVpp
CPHF-LINRL1
High-frequency -1dB compression
point at LINR_L1 setting.
5 GHz clock pattern; VID is 200 mV to
1200 mV in 10 mV steps;
750
mVpp
CPLF-LINRL2
Low-frequency -1dB compression
point at LINR_L2 setting.
20 MHz clock pattern; VID is 200 mV to
1200 mV in 10 mV steps;
950
mVpp
CPHF-LINRL2
High-frequency -1dB compression
point at LINR_L2 setting.
5 GHz clock pattern; VID is 200 mV to
1200 mV in 10 mV steps;
850
mVpp
CPLF-LINRL3
Low-frequency -1dB compression
point at LINR_L3 setting.
20 MHz clock pattern; VID is 200 mV to
1200 mV in 10mV steps;
1050
mVpp
CPHF-LINRL3
High-frequency -1dB compression
point at LINR_L3 setting.
5 GHz clock pattern; VID is 200 mV to
1200 mV in 10 mV steps;
900
mVpp
fLF
Low frequency cutoff
200 mVPP< VID < 1200 mVPP
20
50
kHz
tTX_DJ_SSTX2-CTX2
TX output deterministic residual jitter
SSTX2-> CTX2.
Optimal EQ setting; 12-in prechannel
(SDD21 = -11.2 dB); 1.6-in post channel
(SDD21 = -1.8 dB); PRBS7; 10 Gbps
.05
UI
tTX_DJ_SSTX1-CTX1
TX output deterministic residual jitter
SSTX1-> CTX1.
Optimal EQ setting; 12-in prechannel
(SDD21 = -11.2 dB); 1.6-in post channel
(SDD21 = -1.8 dB); PRBS7; 10 Gbps
.05
UI
5.8 Timing Requirements
MIN
NOM
MAX
UNIT
USB3.1
tIDLEEntry
Delay from U0 to electrical idle
Refer to Figure 6-4.
10
ns
tIDELExit_U1
U1 exit time: break in electrical idle to the
transmission of LFPS
Refer to Figure 6-4.
1
ns
tIDLEExit_U2U3
U2/U3 exit time: break in electrical idle to
transmission of LFPS
Refer to Figure 6-4.
10
µs
tRXDET_INTVL
RX detect interval while in Disconnect
12
ms
tIDLEExit_DISC
Disconnect Exit Time
10
µs
tExit_SHTDN
Shutdown Exit Time
0.75
ms
tAEQ_FULL_DONE
Maximum time to obtain optimum EQ setting
when operating in Full AEQ mode.
400
µs
tAEQ_FAST_DONE
Maximum time to determine appropriate EQ
setting when operating in Fast AEQ mode.
60
µs
tDIFF_DLY
Differential Propagation Delay
Refer to Figure 6-3.
300
ps
tR, tF
Output Rise/Fall time
20%-80% of differential voltage
measured 1.7 inch from the
output pin; Refer to Figure 6-5.
30
ps
tRF_MM
Output Rise/Fall time mismatch
20%-80% of differential voltage
measured 1.7 inch from the
output pin
2.6
ps
Power-up
tEN_LOW
EN pin held low after supply reaches VCC(min) Refer to Figure 6-1
5
ms
tCFG_SU
CFG(1) high
Refer to Figure 6-1
250
µs
tCFG_HD
CFG(1) high
Refer to Figure 6-1
500
µs
(1)
Following pins comprise CFG pins: MODE, CEQ[1:0], SSEQ[1:0], EQCFG, AEQCFG
www.ti.com
TUSB1004
SLLSFL3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com