Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 38Page - Texas Instruments TUSB1004 Datasheet HTML 39Page - Texas Instruments TUSB1004 Datasheet HTML 40Page - Texas Instruments TUSB1004 Datasheet HTML 41Page - Texas Instruments TUSB1004 Datasheet HTML 42Page - Texas Instruments TUSB1004 Datasheet HTML 43Page - Texas Instruments TUSB1004 Datasheet HTML 44Page - Texas Instruments TUSB1004 Datasheet HTML 45Page - Texas Instruments TUSB1004 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
10 Design Requirements
For this design example, use the parameters shown in Table 10-1.
Table 10-1. Design Parameters
PARAMETER
VALUE
10 Gbps USB 3.2 pre-channel A to B PCB trace length, XAB.
Refer to Figure 9-1.
2 inches <= XAB <= 12 inches -
MAX(XCD or XCE)
10 Gbps USB post-channel C to D PCB trace length, XCD and
XCE. Refer to Figure 9-1.
up to 4 inches
Minimum distance of the AC capacitors from TUSB1004, LAC-
CAP
0.4 inches
Maximum distance of ESD component from the USB
receptacle, LESD
1.0 inches
Maximum distance of series resistor (RESD) from ESD
component, LR_ESD.
0.25 inches
CAC-USB1 AC-coupling capacitor (75 nF to 265 nF)
220 nF
CAC-USB2 AC-coupling capacitor (297 nF to 363 nF)
Options:
•
RX1 and RX2 are DC-coupled to
USB receptacle
•
330 nF AC-couple with RRX resistor
Optional RRX resistor (220-kΩ ± 5%)
No used
RESD (0-Ω to 2.2-Ω)
1-Ω
VCC supply (3-V to 3.6-V)
3.3-V
I2C Mode or Pin-strap Mode
Pin-strap mode (MODE = "0")
1.8-V or 3.3-V I2C Interface
3.3-V I2C. VIO_SEL pin to Float "F".
11 Detailed Design Procedure
A typical usage of the TUSB1004 device is shown in Figure 11-1. The device can be configured either through
its GPIO pins (SSEQ[1:0] and CEQ[1:0] pins) or through its I2C interface. In the example shown below, the
TUSB1004 is configured in pin-strap mode with adaptive EQ (AEQ) enabled. The MODE pin is pull-down to
GND through a 1-kΩ resistor. The AEQENZ is pull-down to GND which will enable AEQ for CRX1 and CRX2
receivers. Because AEQ is enabled, CEQ[1:0] pins can be left floating. The SSEQ[1:0] in this example is also
floating but they need to configured to match the loss of the pre-channel (XAB).
TUSB1004
SLLSFL3 – APRIL 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com