Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 3Page - Texas Instruments TUSB1004 Datasheet HTML 4Page - Texas Instruments TUSB1004 Datasheet HTML 5Page - Texas Instruments TUSB1004 Datasheet HTML 6Page - Texas Instruments TUSB1004 Datasheet HTML 7Page - Texas Instruments TUSB1004 Datasheet HTML 8Page - Texas Instruments TUSB1004 Datasheet HTML 9Page - Texas Instruments TUSB1004 Datasheet HTML 10Page - Texas Instruments TUSB1004 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
5.5 Power Supply Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PACTIVE-USB-2Ports
Average active power
USB Only for both port1 and port2
Link in U0 with GEN2 data transmission;
EQ control pins = NC; PRBS7 pattern at
10 Gbps, VID = 1000 mVPP ; Linear redriver
mode; LINR_L3;
EN = H;
550
mW
PACTIVE-USB-1Port
Average active power
USB Only for single port.
Link in U0 with GEN2 data transmission;
EQ control pins = NC; PRBS7 pattern at
10 Gbps, VID = 1000 mVPP ; LINR_L3;
EN = H;
275
mW
PNC-USB-SLP#
Average power with no connection
with SLP_S0#
No USB3.2 GEN2 device is connected to
CTX1; EN = H; SLP_S0#;
0.13
mW
PNC-USB-1Port
Average power with no connection
No USB3.2 GEN2 device is connected to
CTX1;
EN = H;
1.5
mW
PNC-USB-2Ports
Average power with no connection
for both ports in disconnecton
No USB3.2 device is connected to CTX1
and CTX2;
1.7
mW
PU2U3-2Ports
Average power in U2/U3 for both
ports
Link in U2 or U3; EN = H;
2.8
mW
PU2U3-SLP#
Average power in U2/U3 with
SLP_S0#
Link in U2 or U3; EN = H; SLP_S0# = L;
0.24
mW
PU2U3-1Port
Average power in U2/U3
Link in U2 or U3; EN = H;
1.9
mW
PDISABLED-I2C
Device Disabled power in I2C mode
MODE = "F"; EN = H; CTLSEL = 0h;
0.108
mW
PDISABLED
Device Disabled power in pin-strap
MODE != "F"; EN = L;
0.130
mW
5.6 Control I/O DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
4-level Inputs
4-Level VTH
Threshold 0 / R
VCC = 3.3 V
0.55
V
4-Level VTH
Threshold R/ Float
VCC = 3.3 V
1.65
V
4-Level VTH
Threshold Float / 1
VCC33 = 3.3 V
2.7
V
IIH
High level input current with internal
resistors disabled.
VCC = 3.6 V; VIN = 3.6 V
-5
5
µA
IIL
Low level input current with internal
resistors disabled
VCC = 3.6 V; VIN = 0 V
-1
1
µA
IIH-REN
High level input current with internal
resistors enabled.
VCC = 3.6 V; VIN = 3.6 V
20
60
µA
IIL-REN
Low level input current with internal
resistors enabled.
VCC = 3.6 V; VIN = 0 V
–100
-40
µA
RPU
Internal pull-up resistance
48
kΩ
RPD
Internal pull-down resistance
98
kΩ
2-State CMOS Input (EN, SLP_S0#)
VIH
High-level input voltage
1.2
3.6
V
VIL
Low-level input voltage
-0.3
0.6
V
RPU
Internal pull-up resistance (EN,
SLP_S0#)
250
400
550
kΩ
IIH
High-level input current (EN, SLP_S0#)
VIN = 3.6 V; MODE != "F"; VIO_SEL = "0"
or "R";
-5
5
µA
IIL
Low-level input current (EN, SLP_S0#)
VIN = GND, VCC = 3.6 V; MODE !=
"F"; VIO_SEL = "0" or "R";
–11
11
µA
I2C Control Pins (SCL, SDA)
VIH_1p8V
High-level input voltage when configured
for 1.8V I2C level
MODE = "F"; VIO_SEL = "R" or "1";
1.2
3.6
V
VIL_1p8V
Low-level input voltage when configured
for 1.8V I2C level
MODE = "F"; VIO_SEL = "R" or "1";
-0.3
0.6
V
www.ti.com
TUSB1004
SLLSFL3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com