Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 30Page - Texas Instruments TUSB1004 Datasheet HTML 31Page - Texas Instruments TUSB1004 Datasheet HTML 32Page - Texas Instruments TUSB1004 Datasheet HTML 33Page - Texas Instruments TUSB1004 Datasheet HTML 34Page - Texas Instruments TUSB1004 Datasheet HTML 35Page - Texas Instruments TUSB1004 Datasheet HTML 36Page - Texas Instruments TUSB1004 Datasheet HTML 37Page - Texas Instruments TUSB1004 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Table 7-14. USB_MODE Register Field Descriptions
Bit
Field
Type
Reset
Description
7-3
RESERVED
R
0h
Reserved
2
PCIE_EN
R/W
0h
Controls whether or not PCIE is enabled.
0h = PCIe Disabled.
1h = PCIe Eabled.
1
RESERVED
RH/W
1h
Reserved
0
USB_MODE
R/W
0h
During initalization, software must program this field to 1 to enable
both lanes 1 and 2 for USB operation.
7.6.1.6 AEQ_CONTROL1 Register (Offset = 1Ch) [Reset = 85h]
AEQ_CONTROL1 is shown in Table 7-15.
Return to the Table 7-8.
This register is used to enable adaptive EQ and select between Fast and Full adaptive EQ.
Table 7-15. AEQ_CONTROL1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
FULLAEQ_UPPER_EQ
R/W
8h
This field sets the maximum EQ value to check for full AEQ mode
when in I2C mode.
3
USB3_U1_DISABLE
R/W
0h
This field when set will cause entry to U3 instead of U1 when
electrical idle is detected.
0h = U1 entry after electrical idle.
1h = U3 entry after electrical idle.
2-1
AEQ_MODE
R/W
2h
Selects Adaption mode (Fast, or one of three Full modes).
0h = Fast AEQ.
1h = Full AEQ, with hits counted at mideye for every EQ iteration
(using current EQ setting).
2h = Full AEQ, algorithm II.
3h = Full AEQ, with hits counted at mideye only for first EQ iteration
(using EQ set to the MID_HC_EQ value).
0
AEQ_EN
R/W
1h
Controls whether or not adaptive EQ for USB downstream facing
port is enabled.
0h = AEQ disabled
1h = AEQ enabled
7.6.1.7 AEQ_CONTROL2 Register (Offset = 1Dh) [Reset = 10h]
AEQ_CONTROL2 is shown in Table 7-16.
Return to the Table 7-8.
This register allows for controls for the Fast AEQ limits as well as adding or reducing final EQ value used by the
Full AEQ function.
Table 7-16. AEQ_CONTROL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
OVER_EQ_SIGN
R/W
0h
Selects the sign for OVER_EQ_CTRL field.
0h = positive
1h = negative
6
RESERVED
R
0h
Reserved
TUSB1004
SLLSFL3 – APRIL 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com