Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 29Page - Texas Instruments TUSB1004 Datasheet HTML 30Page - Texas Instruments TUSB1004 Datasheet HTML 31Page - Texas Instruments TUSB1004 Datasheet HTML 32Page - Texas Instruments TUSB1004 Datasheet HTML 33Page - Texas Instruments TUSB1004 Datasheet HTML 34Page - Texas Instruments TUSB1004 Datasheet HTML 35Page - Texas Instruments TUSB1004 Datasheet HTML 36Page - Texas Instruments TUSB1004 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
Table 7-12. TX1EQ_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
SSRX1_PRESHOOT
R/W
1h
SSRX1 TX preshoot level (pre-cursor).
0h = 1.5 dB
1h = 2 dB
2h = 2.3 dB
3h = 2.8 dB
5
SSRX1_PRESHOOT_EN R/W
1h
SSRX1 TX preshoot (pre-cursor) enabled. Valid only when
SSRX_LIMIT_ENABLE = 1.
0h = Disabled (0 dB)
1h = Enabled
4-3
SSRX1_DEEMPHASIS
R/W
1h
SSRX1 TX de-emphasis level (post-cursor)
0h = -1.5 dB
1h = -2.1 dB
2h = -3.2 dB
3h = -3.8 dB
2
SSRX1_DEEMPHASIS_E
N
R/W
1h
SSRX1 TX de-emphasis (post-cursor) enable. Valid only when
SSRX_LIMIT_ENABLE = 1.
0h = Disabled (0 dB)
1h = Enabled
1-0
RESERVED
R/W
3h
Reserved
7.6.1.4 TX2EQ_CTRL Register (Offset = Ch) [Reset = 6Ch]
TX2EQ_CTRL is shown in Table 7-13.
Return to the Table 7-8.
This register controls the pre-shoot and de-emphasis levels for SSRX2 when limited redriver mode is enabled.
Table 7-13. TX2EQ_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
SSRX2_PRESHOOT
R/W
1h
SSRX2 TX preshoot level (pre-cursor).
0h = 1.5 dB
1h = 2 dB
2h = 2.3 dB
3h = 2.8 dB
5
SSRX2_PRESHOOT_EN R/W
1h
SSRX2 TX preshoot (pre-cursor) enabled. Valid only when
SSRX_LIMIT_ENABLE = 1.
0h = Disabled (0 dB)
1h = Enabled
4-3
SSRX2_DEEMPHASIS
R/W
1h
SSRX2 TX de-emphasis level (post-cursor)
0h = -1.5 dB
1h = -2.1 dB
2h = -3.2 dB
3h = -3.8 dB
2
SSRX2_DEEMPHASIS_E
N
R/W
1h
SSRX2 TX de-emphasis (post-cursor) enable. Valid only when
SSRX_LIMIT_ENABLE = 1.
0h = Disabled (0 dB)
1h = Enabled
1-0
RESERVED
R
0h
Reserved
7.6.1.5 USB_MODE Register (Offset = Dh) [Reset = 02h]
USB_MODE is shown in Table 7-14.
Return to the Table 7-8.
Selects the USB mode of operation
www.ti.com
TUSB1004
SLLSFL3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com