Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 18Page - Texas Instruments TUSB1004 Datasheet HTML 19Page - Texas Instruments TUSB1004 Datasheet HTML 20Page - Texas Instruments TUSB1004 Datasheet HTML 21Page - Texas Instruments TUSB1004 Datasheet HTML 22Page - Texas Instruments TUSB1004 Datasheet HTML 23Page - Texas Instruments TUSB1004 Datasheet HTML 24Page - Texas Instruments TUSB1004 Datasheet HTML 25Page - Texas Instruments TUSB1004 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
7.3.2.2 Full Adaptive Equalization
The Full AEQ mode attempts to find what it believes is the best equalization value for CRX1 and CRX2 receivers
by starting at the lowest EQ value and sweeping through all EQ combinations up to the value programmed
into FULLAEQ_UPPER_EQ field. The default is to sweep through nine EQ values (zero to eight). The number
of EQ combinations can be adjusted by programming FULLAEQ_UPPER_EQ register. The TUSB1004 also
provides the ability to add or subtract some over/under equalization to compensate for channel in front of
TUSB1004 by programming OVER_EQ_CTRL field to a non-zero value. If OVER_EQ_SIGN = 0, the TUSB1004
will add the value programmed into OVER_EQ_CTRL to the EQ value determined by the full adaptation. If
OVER_EQ_SIGN = 1, the TUSB1004 will subtract the value programmed into OVER_EQ_CTRL from the EQ
value determined by the full adaptation. For example, if full adaptation determines the best equalization value to
be 4 and OVER_EQ_CTRL is 2 and OVER_EQ_SIGN = 0, the EQ setting used by TUSB1004 will be 6. The
TUSB1004 hardware will always limit the sum of OVER_EQ_CTRL and the determined optimal EQ from full
adaptation to be less than or equal to 15.
Note
Full AEQ is supported in both pin-strap and I2C mode. In pin-strap mode, enable or disable of Full
AEQ is determined by the state of AEQENZ pin.
7.3.2.3 Fast Adaptive Equalization
The Fast AEQ mode is used to distinguish two channels (short channel and a long channel) and choose the
appropriate receiver equalization setting for that channel. Because Fast AEQ only distinguishes between two
choices, the AEQ time is a lot shorter than Full AEQ mode which minimizes impact to USB link training.
When Fast AEQ is enabled and channel is determined to be short, the TUSB1004 will use the value
programmed into the CEQx_SEL, where x = 1 or 2. If the TUSB1004 determines channel is not short, the
TUSB1004 will switch to EQ value programmed into LONG_EQx register, where x = 1 or 2. During initial
system evaluation, it is recommended to perform both short and long channel USB 3.1 RX JTOL Gen2 testing
and program CEQx_SEL and LONG_EQx to the value which produced the best results for each channel
configuration.
The TUSB1004 will determine short and long based on the estimate eye height. The value programmed into
FASTAEQ_LIMITS register will determine the eye height limits. Software can change the defaults of this register
to lower or raise the limits.
Note
Fast AEQ is only supported in I2C mode.
EQ_OVERRIDE field must be set for values programmed into CEQx_SEL and LONG_EQx to be
used.
7.3.3 USB Transmitter
7.3.3.1 Linearity VOD
Linearity VOD defines the linearity range of the TUSB1004. When TUSB1004 is in linear VOD mode, the output
VOD is a linear function of the input VID. For example, if the signal at TUSB1004's input (VID) is at 600 mVpp
then the TUSB1004's output VOD will be around 600 mVpp. Linearity VOD mode is the default operation of the
TUSB1004. Linear VOD mode is supported on SSRX1/2 and CTX1/2 transmitters.
The TUSB1004 provides four different linearity VOD settings. All four settings are available in I2C mode through
register control. In pin-strap mode, the linearity is fixed at the highest setting.
TUSB1004
SLLSFL3 – APRIL 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com