Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 20Page - Texas Instruments TUSB1004 Datasheet HTML 21Page - Texas Instruments TUSB1004 Datasheet HTML 22Page - Texas Instruments TUSB1004 Datasheet HTML 23Page - Texas Instruments TUSB1004 Datasheet HTML 24Page - Texas Instruments TUSB1004 Datasheet HTML 25Page - Texas Instruments TUSB1004 Datasheet HTML 26Page - Texas Instruments TUSB1004 Datasheet HTML 27Page - Texas Instruments TUSB1004 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
7.3.5 USB Polarity Inversion
The USB 3.2 standard requires all host, hubs, and devices support USB polarity inversion detection and
correction. For this reason, polarity between TUSB1004 and USB connector as well as between USB Host/
Device and TUSB1004 does not have to be maintained. Not maintaining polarity will simplify layout by
eliminating the need to swap P and N in the layout. The Figure 7-1 shows example in which polarity between
USB host and redriver is not maintained.
USB 3.2
Host/Device
redriver
SSTXp
SSTXn
SSRXp
SSRXn
SSTXn
SSTXp
SSRXn
SSRXp
CTXp
CTXn
CRXp
CRXn
TXp
TXn
RXp
RXn
Polarity inverted
Figure 7-1. Polarity Inversion Example
7.3.6 Receiver Detect Control
The SLP_S0# pin offers system designers the ability to control the TUSB1004 Rx.Detect functionality during
Disconnect and U2/U3 states and therefore achieving lower consumption in these states. When the system is
in a low power state (Sx where x = 1, 2, 3, 4, or 5), system can assert SLP_S0# low to disable TUSB1004
receiver detect functionality. While SLP_S0# is asserted low and USB 3.2 interface is in U3, the TUSB1004
keeps receiver termination active. The TUSB1004 will not respond to any LFPS signaling while in this state.
This means that system wake from U3 is not supported while SLP_S0# is asserted low. If the TUSB1004 is
in Disconnect state when SLP_S0# is asserted low, then TUSB1004 disables all channels receiver termination
and disables receiver detect functionality. When SLP_S0# is asserted high, the TUSB1004 resumes normal
operation of performing far-end receiver termination detection.
Note
As there is a single SLP_S0# pin, this pin when asserted low impact both port 1 (CRX1, CTX1,
SSRX1, SSTX1) and port 2 (CRX2, CTX2, SSRX2, SSTX2).
7.4 Device Functional Modes
7.4.1 MODE Pin
The MODE pin selects between between I2C mode and pin-strap mode. Refer to Table 7-4 for details.
In I2C mode, the TUSB1004 supports either 1.8-V LVCMOS or 3.3-V LVCMOS signalling based on the sampled
state of VIO_SEL pin.
Table 7-4. MODE pin Function
MODE pin level
Description
0
Pin-strap mode.
R
Reserved
F
I2C Mode
1
Reserved.
TUSB1004
SLLSFL3 – APRIL 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com