Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 21Page - Texas Instruments TUSB1004 Datasheet HTML 22Page - Texas Instruments TUSB1004 Datasheet HTML 23Page - Texas Instruments TUSB1004 Datasheet HTML 24Page - Texas Instruments TUSB1004 Datasheet HTML 25Page - Texas Instruments TUSB1004 Datasheet HTML 26Page - Texas Instruments TUSB1004 Datasheet HTML 27Page - Texas Instruments TUSB1004 Datasheet HTML 28Page - Texas Instruments TUSB1004 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
7.4.2 Rx EQ Configuration in Pin-Strap Mode
The TUSB1004 configured in pin-strap mode uses the follow pins to control the EQ setting for each of its
receivers: EQCFG pin, SSEQ[1:0] pins, CEQ[1:0] pins.
Table 7-5. Pin-strap: SSTX1 and SSTX2 Receiver EQ Configuration
SSTX Receiver
SSEQ[1:0] pin level
Gain at 5 GHz
EQCFG pin level
SSTX1
SSEQ0 = "0"
3 dB
"1" or "R"
SSEQ0 = "R"
6 dB
"1" or "R"
SSEQ0 = "F"
9 dB
"1" or "R"
SSEQ0 = "1"
12 dB
"1" or "R"
16 possible settings based on
SSEQ0 and SSEQ1
Refer to Table 7-3.
"0" or "F"
SSTX2
SSEQ1 = "0"
3 dB
"1" or "R"
SSEQ1 = "R"
6 dB
"1" or "R"
SSEQ1 = "F"
9 dB
"1" or "R"
SSEQ1 = "1"
12 dB
"1" or "R"
16 possible settings based on
SSEQ0 and SSEQ1
Refer to Table 7-3.
"0" or "F"
The following table describes receiver equalization controls for the receivers facing the USB connector.
Table 7-6. Pin Strap: CRX1 and CRX2 EQ Configuration with AEQ Disabled
CRX Receiver
CEQ[1:0] pin level
Gain at 5 GHz
EQCFG pin level
CRX1
CEQ0 = "0"
3 dB
"0" or "R"
CEQ0 = "R"
6 dB
"0" or "R"
CEQ0 = "F"
9 dB
"0" or "R"
CEQ0 = "1"
12 dB
"0" or "R"
16 possible settings based on
CEQ0 and CEQ1
Refer to Table 7-2.
"F" or "1"
CRX2
CEQ1 = "0"
3 dB
"0" or "R"
CEQ1 = "R"
6 dB
"0" or "R"
CEQ1 = "F"
9 dB
"0" or "R"
CEQ1 = "1"
12 dB
"0" or "R"
16 possible settings based on
CEQ0 and CEQ1
Refer to Table 7-2.
"F" or "1"
www.ti.com
TUSB1004
SLLSFL3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com