Electronic Components Datasheet Search
  English  ▼

X  

TUSB1004 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 36Page - Texas Instruments TUSB1004 Datasheet HTML 37Page - Texas Instruments TUSB1004 Datasheet HTML 38Page - Texas Instruments TUSB1004 Datasheet HTML 39Page - Texas Instruments TUSB1004 Datasheet HTML 40Page - Texas Instruments TUSB1004 Datasheet HTML 41Page - Texas Instruments TUSB1004 Datasheet HTML 42Page - Texas Instruments TUSB1004 Datasheet HTML 43Page - Texas Instruments TUSB1004 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Table 7-28. AEQ_CONTROL_AUX3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
HC_EQ_THR
R/W
4h
Sets the hit-count threshold during the EQ search steps. The
algorithm will find the minimum EQ setting such that the hit-
count is at or above value N_eq, where: N_eq = HC_me * (128-
HC_EQ_THR)/128 and HC_me is the mid-eye hit-count. This field is
applicable only when the AEQ_MODE field is set to 2'b10.
4
RESERVED
R
0h
Reserved
3-0
HC_VOD_THR
R/W
6h
Sets the hit-count threshold during the VOD search steps. The
algorithm will find the maximum DAC VOD setting such that the
hit-count is at or above the threshold value N_vod, where: N_vod =
HC_me * HC_VOD_THR/128 and HC_me is the mid-eye hit-count.
This field is applicable only when the AEQ_MODE field is set to
2'b10.
TUSB1004
SLLSFL3 – APRIL 2022
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com